| Electronic Components Datasheet Search |
|
AM5716 Datasheet(PDF) 112 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5716 Datasheet(HTML) 112 Page - Texas Instruments |
|
112 / 389 page ![]() AM5716, AM5718 SPRS919I – JUNE 2014 – REVISED OCTOBER 2015 www.ti.com Table 4-15. QSPI Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL qspi1_sclk QSPI1 Serial Clock Output IO R2 qspi1_rtclk QSPI1 Return Clock Input. Must be connected from QSPI1_SCLK on PCB. Refer I R3 to PCB Guidelines for QSPI1 qspi1_d0 QSPI1 Data[0].This pin is output data for all commands/writes and for dual read IO U1 and quad read modes it becomes input data pin during read phase. qspi1_d1 QSPI1 Data[1].Input read data in all modes. IO P3 qspi1_d2 QSPI1 Data[2].This pin is used only in quad read mode as input data pin during IO U2 read phase qspi1_d3 QSPI1 Data[3].This pin is used only in quad read mode as input data pin during IO T2 read phase qspi1_cs0 QSPI1 Chip Select[0].This pin is Used for QSPI1 boot modes. O P2 qspi1_cs1 QSPI1 Chip Select[1] O P1 qspi1_cs2 QSPI1 Chip Select[2] O T7 qspi1_cs3 QSPI1 Chip Select[3] O P6 4.4.13 Multichannel Audio Serial Port (McASP) NOTE For more information, see the Serial Communication Interface / Multichannel Audio Serial Port (MCASP) section of the device TRM. Table 4-16. MCASP Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL Multichannel Audio Serial Port 1 mcasp1_axr0 MCASP1 Transmit/Receive Data I/O I/O G12 mcasp1_axr1 MCASP1 Transmit/Receive Data I/O I/O F12 mcasp1_axr2 MCASP1 Transmit/Receive Data I/O I/O G13 mcasp1_axr3 MCASP1 Transmit/Receive Data I/O I/O J11 mcasp1_axr4 MCASP1 Transmit/Receive Data I/O I/O D18/ E12 mcasp1_axr5 MCASP1 Transmit/Receive Data I/O I/O E17 / F13 mcasp1_axr6 MCASP1 Transmit/Receive Data I/O I/O B26 / C12 mcasp1_axr7 MCASP1 Transmit/Receive Data I/O I/O C23 / D12 mcasp1_axr8 MCASP1 Transmit/Receive Data I/O I/O E21 / B12 mcasp1_axr9 MCASP1 Transmit/Receive Data I/O I/O F20/ A11 mcasp1_axr10 MCASP1 Transmit/Receive Data I/O I/O F21 / B13 mcasp1_axr11 MCASP1 Transmit/Receive Data I/O I/O A12 mcasp1_axr12 MCASP1 Transmit/Receive Data I/O I/O E14 mcasp1_axr13 MCASP1 Transmit/Receive Data I/O I/O A13 mcasp1_axr14 MCASP1 Transmit/Receive Data I/O I/O G14 mcasp1_axr15 MCASP1 Transmit/Receive Data I/O I/O F14 mcasp1_fsx MCASP1 Transmit Frame Sync I/O I/O D14 mcasp1_aclkr(1) MCASP1 Receive Bit Clock I/O I/O B14 mcasp1_fsr MCASP1 Receive Frame Sync I/O I/O J14 mcasp1_ahclkx MCASP1 Transmit High-Frequency Master Clock I/O O D18 mcasp1_aclkx(1) MCASP1 Transmit Bit Clock I/O I/O C14 Multichannel Audio Serial Port 2 mcasp2_axr0 MCASP2 Transmit/Receive Data I/O I/O B15 mcasp2_axr1 MCASP2 Transmit/Receive Data I/O I/O A15 112 Terminal Configuration and Functions Copyright © 2014–2015, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: AM5716 AM5718 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |