| Electronic Components Datasheet Search |
|
AM5716 Datasheet(PDF) 111 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5716 Datasheet(HTML) 111 Page - Texas Instruments |
|
111 / 389 page ![]() AM5716, AM5718 www.ti.com SPRS919I – JUNE 2014 – REVISED OCTOBER 2015 Table 4-14. SPI Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL Serial Peripheral Interface 1 spi1_sclk(1) SPI1 Clock I/O I/O A25 spi1_d1 SPI1 Data I/O. Can be configured as either MISO or MOSI. I/O F16 spi1_d0 SPI1 Data I/O. Can be configured as either MISO or MOSI. I/O B25 spi1_cs0 SPI1 Chip Select I/O I/O A24 spi1_cs1 SPI1 Chip Select I/O I/O A22 spi1_cs2 SPI1 Chip Select I/O I/O B21 spi1_cs3 SPI1 Chip Select I/O I/O B20 Serial Peripheral Interface 2 spi2_sclk(1) SPI2 Clock I/O I/O A26 spi2_d1 SPI2 Data I/O. Can be configured as either MISO or MOSI. I/O B22 spi2_d0 SPI2 Data I/O. Can be configured as either MISO or MOSI. I/O G17 spi2_cs0 SPI2 Chip Select I/O I/O B24 spi2_cs1 SPI2 Chip Select I/O I/O A22 spi2_cs2 SPI2 Chip Select I/O I/O B21 spi2_cs3 SPI2 Chip Select I/O I/O B20 Serial Peripheral Interface 3 spi3_sclk(1) SPI3 Clock I/O IO AC4 / B12 / C18 / E11 / V2 spi3_d1 SPI3 Data I/O. Can be configured as either MISO or MOSI. IO A11 / A21 / AC7 / B10 / Y1 spi3_d0 SPI3 Data I/O. Can be configured as either MISO or MOSI. IO AC6 / B13 / C11 / G16 / W9 spi3_cs0 SPI3 Chip Select I/O IO A12 / AC9 / D11 / D17 / V9 spi3_cs1 SPI3 Chip Select I/O IO AC3 / B11 / E14 spi3_cs2 SPI3 Chip Select I/O IO F11 spi3_cs3 SPI3 Chip Select I/O IO A10 Serial Peripheral Interface 4 spi4_sclk(1) SPI4 Clock I/O IO N7/ G1/ AA3/ V7/ AC8 spi4_d1 SPI4 Data I/O. Can be configured as either MISO or MOSI. IO R4/ G6/ AB9/ U7/ AD6 spi4_d0 SPI4 Data I/O. Can be configured as either MISO or MOSI. IO N9/ F2/ AB3/ V6/ AB8 spi4_cs0 SPI4 Chip Select I/O IO P9/ F3/ AA4/ U6/ AB5 spi4_cs1 SPI4 Chip Select I/O IO P4 / Y1 spi4_cs2 SPI4 Chip Select I/O IO R3 / W9 spi4_cs3 SPI4 Chip Select I/O IO T2 / V9 (1) This clock signal is implemented as 'pad loopback' inside the device - the output signal is looped back through the input buffer to serve as the internal reference signal. Series termination is recommended (as close to device pin as possible) to improve signal integrity of the clock input. Any nonmonotonicity in voltage that occurs at the pad loopback clock pin between VIH and VIL must be less than VHYS. 4.4.12 Quad Serial Peripheral Interface (QSPI) NOTE For more information see the Serial Communication Interface / Quad Serial Peripheral Interface section of the device TRM. Copyright © 2014–2015, Texas Instruments Incorporated Terminal Configuration and Functions 111 Submit Documentation Feedback Product Folder Links: AM5716 AM5718 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |