| Electronic Components Datasheet Search |
|
AM5716 Datasheet(PDF) 113 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5716 Datasheet(HTML) 113 Page - Texas Instruments |
|
113 / 389 page ![]() AM5716, AM5718 www.ti.com SPRS919I – JUNE 2014 – REVISED OCTOBER 2015 Table 4-16. MCASP Signal Descriptions (continued) SIGNAL NAME DESCRIPTION TYPE BALL mcasp2_axr2 MCASP2 Transmit/Receive Data I/O I/O C15 mcasp2_axr3 MCASP2 Transmit/Receive Data I/O I/O A16 mcasp2_axr4 MCASP2 Transmit/Receive Data I/O I/O D15 mcasp2_axr5 MCASP2 Transmit/Receive Data I/O I/O B16 mcasp2_axr6 MCASP2 Transmit/Receive Data I/O I/O B17 mcasp2_axr7 MCASP2 Transmit/Receive Data I/O I/O A17 mcasp2_axr8 MCASP2 Transmit/Receive Data I/O I/O D18 mcasp2_axr9 MCASP2 Transmit/Receive Data I/O I/O E17 mcasp2_axr10 MCASP2 Transmit/Receive Data I/O I/O B26 mcasp2_axr11 MCASP2 Transmit/Receive Data I/O I/O C23 mcasp2_axr12 MCASP2 Transmit/Receive Data I/O I/O B18 mcasp2_axr13 MCASP2 Transmit/Receive Data I/O I/O F15 mcasp2_axr14 MCASP2 Transmit/Receive Data I/O I/O B19 mcasp2_axr15 MCASP2 Transmit/Receive Data I/O I/O C17 mcasp2_fsx MCASP2 Transmit Frame Sync I/O I/O A18 mcasp2_aclkr(1) MCASP2 Receive Bit Clock I/O I/O E15 mcasp2_fsr MCASP2 Receive Frame Sync I/O I/O A20 mcasp2_ahclkx MCASP2 Transmit High-Frequency Master Clock I/O O E17 mcasp2_aclkx(1) MCASP2 Transmit Bit Clock I/O I/O A19 Multichannel Audio Serial Port 3 mcasp3_axr0 MCASP3 Transmit/Receive Data I/O I/O B19 mcasp3_axr1 MCASP3 Transmit/Receive Data I/O I/O C17 mcasp3_axr2 MCASP3 Transmit/Receive Data I/O I/O C15 mcasp3_axr3 MCASP3 Transmit/Receive Data I/O I/O A16 mcasp3_fsx MCASP3 Transmit Frame Sync I/O I/O F15 mcasp3_ahclkx MCASP3 Transmit High-Frequency Master Clock I/O O B26 mcasp3_aclkx(1) MCASP3 Transmit Bit Clock I/O I/O B18 mcasp3_aclkr(1) MCASP3 Receive Bit Clock I/O I/O B18 mcasp3_fsr MCASP3 Receive Frame Sync I/O I/O F15 Multichannel Audio Serial Port 4 mcasp4_axr0 MCASP4 Transmit/Receive Data I/O I/O G16 mcasp4_axr1 MCASP4 Transmit/Receive Data I/O I/O D17 mcasp4_axr2 MCASP4 Transmit/Receive Data I/O I/O E12 mcasp4_axr3 MCASP4 Transmit/Receive Data I/O I/O F13 mcasp4_fsx MCASP4 Transmit Frame Sync I/O I/O A21 mcasp4_ahclkx MCASP4 Transmit High-Frequency Master Clock I/O O C23 mcasp4_aclkx(1) MCASP4 Transmit Bit Clock I/O I/O C18 mcasp4_aclkr(1) MCASP4 Receive Bit Clock I/O I/O C18 mcasp4_fsr MCASP4 Receive Frame Sync I/O I/O A21 Multichannel Audio Serial Port 5 mcasp5_axr0 MCASP5 Transmit/Receive Data I/O I/O AB3 mcasp5_axr1 MCASP5 Transmit/Receive Data I/O I/O AA4 mcasp5_axr2 MCASP5 Transmit/Receive Data I/O I/O C12 mcasp5_axr3 MCASP5 Transmit/Receive Data I/O I/O D12 mcasp5_fsx MCASP5 Transmit Frame Sync I/O I/O AB9 mcasp5_ahclkx MCASP5 Transmit High-Frequency Master Clock I/O O D18 mcasp5_aclkx(1) MCASP5 Transmit Bit Clock I/O I/O AA3 Copyright © 2014–2015, Texas Instruments Incorporated Terminal Configuration and Functions 113 Submit Documentation Feedback Product Folder Links: AM5716 AM5718 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |