| Electronic Components Datasheet Search |
|
AM5716 Datasheet(PDF) 110 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5716 Datasheet(HTML) 110 Page - Texas Instruments |
|
110 / 389 page ![]() AM5716, AM5718 SPRS919I – JUNE 2014 – REVISED OCTOBER 2015 www.ti.com Table 4-13. UART Signal Descriptions (continued) SIGNAL NAME DESCRIPTION TYPE BALL uart5_rxd UART5 Receive Data Input I R6/ F11/ B19/ AC7/ G17 uart5_txd UART5 Transmit Data Output O T9/ G10/ C17/ AC6/ B24 uart5_ctsn UART5 clear to send active low I T6 / AC9 uart5_rtsn UART5 request to send active low O T7 / AC3 Universal Asynchronous Receiver/Transmitter 6 (UART6) uart6_rxd UART6 Receive Data Input I P6/ E8/ G12/ W7 uart6_txd UART6 Transmit Data Output O R9/ D9/ F12/ Y9 uart6_ctsn UART6 clear to send active low I R5 / G13 uart6_rtsn UART6 request to send active low O P5 / J11 Universal Asynchronous Receiver/Transmitter 7 (UART7) uart7_rxd UART7 Receive Data Input I B18 / B7 / T6 uart7_txd UART7 Transmit Data Output O B8 / F15 / T7 uart7_ctsn UART7 clear to send active low I B19 uart7_rtsn UART7 request to send active low O C17 Universal Asynchronous Receiver/Transmitter 8 (UART8) uart8_rxd UART8 Receive Data Input I C18 / G20 / R5 uart8_txd UART8 Transmit Data Output O A21 / G19 / P5 uart8_ctsn UART8 clear to send active low I G16 uart8_rtsn UART8 request to send active low O D17 Universal Asynchronous Receiver/Transmitter 9 (UART9) uart9_rxd UART9 Receive Data Input I G1/ AA3/ E25 uart9_txd UART9 Transmit Data Output O G6/ AB9/ C27 uart9_ctsn UART9 clear to send active low I F2 / AB3 uart9_rtsn UART9 request to send active low O F3/ AA4 Universal Asynchronous Receiver/Transmitter 10 (UART10) uart10_rxd UART10 Receive Data Input I D1/ E21/ AC8/ D27 uart10_txd UART10 Transmit Data Output O E2/ F20/ AD6/ C28 uart10_ctsn UART10 clear to send active low I D2 / AB8 uart10_rtsn UART10 request to send active low O F4 / AB5 4.4.11 Multichannel Serial Peripheral Interface (McSPI) CAUTION The I/O timings provided in Section 7, Timing Requirements and Switching Characteristics are applicable for all combinations of signals for SPI1 and SPI2. However, the timings are valid only for SPI3 and SPI4 if signals within a single IOSET are used. The IOSETS are defined in Table 7-42. NOTE For more information, see the Serial Communication Interface / Multichannel Serial Peripheral Interface (MCSPI) section of the device TRM. 110 Terminal Configuration and Functions Copyright © 2014–2015, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: AM5716 AM5718 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |