Electronic Components Datasheet Search
  English  ▼

X  

AM5716 Datasheet(PDF) 107 Page - Texas Instruments

Click here to check the latest version.
Part # AM5716
Description  AM571x SitaraTM Processors
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5716 Datasheet(HTML) 107 Page - Texas Instruments

Back Button AM5716 Datasheet HTML 103Page - Texas Instruments AM5716 Datasheet HTML 104Page - Texas Instruments AM5716 Datasheet HTML 105Page - Texas Instruments AM5716 Datasheet HTML 106Page - Texas Instruments AM5716 Datasheet HTML 107Page - Texas Instruments AM5716 Datasheet HTML 108Page - Texas Instruments AM5716 Datasheet HTML 109Page - Texas Instruments AM5716 Datasheet HTML 110Page - Texas Instruments AM5716 Datasheet HTML 111Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 389 page
background image
AM5716, AM5718
www.ti.com
SPRS919I – JUNE 2014 – REVISED OCTOBER 2015
Table 4-9. GPMC Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
gpmc_a16
GPMC address 16 in A/D nonmultiplexed mode and unused in A/D
O
U1 / K6 / R6
multiplexed mode
gpmc_a17
GPMC address 17 in A/D nonmultiplexed mode and unused in A/D
O
P3 / J7 / E1
multiplexed mode
gpmc_a18
GPMC address 18 in A/D nonmultiplexed mode and unused in A/D
O
R2 / J4 / H7
multiplexed mode
gpmc_a19
GPMC address 19 in A/D nonmultiplexed mode and unused in A/D
O
K7 / J6
multiplexed mode
gpmc_a20
GPMC address 20 in A/D nonmultiplexed mode and unused in A/D
O
M7 / H4
multiplexed mode
gpmc_a21
GPMC address 21 in A/D nonmultiplexed mode and unused in A/D
O
J5 / H5
multiplexed mode
gpmc_a22
GPMC address 22 in A/D nonmultiplexed mode and unused in A/D
O
K6 / H6
multiplexed mode
gpmc_a23
GPMC address 23 in A/D nonmultiplexed mode and unused in A/D
O
F6 / J7 / N1 / P2
multiplexed mode
gpmc_a24
GPMC address 24 in A/D nonmultiplexed mode and unused in A/D
O
D3 / J4 / P1
multiplexed mode
gpmc_a25
GPMC address 25 in A/D nonmultiplexed mode and unused in A/D
O
E6 / J6 / N2
multiplexed mode
gpmc_a26
GPMC address 26 in A/D nonmultiplexed mode and unused in A/D
O
F5 / H4 / R6
multiplexed mode
gpmc_a27
GPMC address 27 in A/D nonmultiplexed mode and Address 27 in A/D
O
G1 / H5 / E1 / H7
multiplexed mode
gpmc_cs0
GPMC Chip Select 0 (active low)
O
T1
gpmc_cs1
GPMC Chip Select 1 (active low)
O
H6
gpmc_cs2
GPMC Chip Select 2 (active low)
O
P2
gpmc_cs3
GPMC Chip Select 3 (active low)
O
P1
gpmc_cs4
GPMC Chip Select 4 (active low)
O
N6
gpmc_cs5
GPMC Chip Select 5 (active low)
O
M4
gpmc_cs6
GPMC Chip Select 6 (active low)
O
N1
gpmc_cs7
GPMC Chip Select 7 (active low)
O
P7
gpmc_clk(1)
GPMC Clock output
I/O
P7
gpmc_advn_ale
GPMC address valid active low or address latch enable
O
N1
gpmc_oen_ren
GPMC output enable active low or read enable
O
M5
gpmc_wen
GPMC write enable active low
O
M3
gpmc_ben0
GPMC lower-byte enable active low
O
N6
gpmc_ben1
GPMC upper-byte enable active low
O
M4
gpmc_wait0
GPMC external indication of wait 0
I
N2
gpmc_wait1
GPMC external indication of wait 1
I
P7 / N1
(1) This clock signal is implemented as 'pad loopback' inside the device - the output signal is looped back through the input buffer to serve
as the internal reference signal. Series termination is recommended (as close to device pin as possible) to improve signal integrity of the
clock input. Any nonmonotonicity in voltage that occurs at the pad loopback clock pin between VIH and VIL must be less than VHYS.
4.4.7
Timers
NOTE
For more information, see the Timers section of the device TRM.
Copyright © 2014–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
107
Submit Documentation Feedback
Product Folder Links: AM5716 AM5718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com