| Electronic Components Datasheet Search |
|
AM5716 Datasheet(PDF) 103 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5716 Datasheet(HTML) 103 Page - Texas Instruments |
|
103 / 389 page ![]() AM5716, AM5718 www.ti.com SPRS919I – JUNE 2014 – REVISED OCTOBER 2015 Table 4-7. CSI 2 Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL csi2_0_dx0 Serial data/clock input - line 0 (position 1) I AE1 csi2_0_dy0 Serial data/clock input - line 0 (position 1) I AD2 csi2_0_dx1 Serial data/clock input - line 1 (position 2) I AF1 csi2_0_dy1 Serial data/clock input - line 1 (position 2) I AE2 csi2_0_dx2 Serial data/clock input - line 2 (position 3) I AF2 csi2_0_dy2 Serial data/clock input - line 2 (position 3) I AF3 csi2_0_dx3 Serial data/clock input - line 3 (position 4) I AH4 csi2_0_dy3 Serial data/clock input - line 3 (position 4) I AG4 csi2_0_dx4 Serial data input only - line 4 (position 5) (1) I AH3 csi2_0_dy4 Serial data input only - line 4 (position 5) (1) I AG3 csi2_1_dx0 Serial data/clock input - line 0 (position 1) I AG5 csi2_1_dy0 Serial data/clock input - line 0 (position 1) I AH5 csi2_1_dx1 Serial data/clock input - line 1 (position 2) I AG6 csi2_1_dy1 Serial data/clock input - line 1 (position 2) I AH6 csi2_1_dx2 Serial data/clock input - line 2 (position 3) I AH7 csi2_1_dy2 Serial data/clock input - line 2 (position 3) I AG7 (1) Line 4 (position 5) supports only data. For more information see CAL Subsystem of the device TRM. 4.4.5 External Memory Interface (EMIF) NOTE For more information, see the Memory Subsystem / EMIF Controller section of the device TRM. NOTE ECC is not available on this device, but signal names are retained for consistency with the AM571x family of devices. NOTE The index number 1 which is part of the EMIF1 signal prefixes (ddr1_*) listed in Table 4-8, EMIF Signal Descriptions, not to be confused with DDR1 type of SDRAM memories. Table 4-8. EMIF Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL ddr1_csn0 EMIF1 Chip Select 0 O AH23 ddr1_csn1 EMIF1 Chip Select 1 O AB16 ddr1_cke EMIF1 Clock Enable O AG22 ddr1_ck EMIF1 Clock O AG24 ddr1_nck EMIF1 Negative Clock O AH24 ddr1_odt0 EMIF1 On-Die Termination for Chip Select 0 O AE20 ddr1_odt1 EMIF1 On-Die Termination for Chip Select 1 O AC17 ddr1_casn EMIF1 Column Address Strobe output O AC18 ddr1_rasn EMIF1 Row Address Strobe output O AF20 ddr1_wen EMIF1 Write Enable O AH21 ddr1_rst EMIF1 Reset output (DDR3-SDRAM only) O AG21 ddr1_ba0 EMIF1 Bank Address outputs O AF17 Copyright © 2014–2015, Texas Instruments Incorporated Terminal Configuration and Functions 103 Submit Documentation Feedback Product Folder Links: AM5716 AM5718 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |