| Electronic Components Datasheet Search |
|
AM5716 Datasheet(PDF) 114 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5716 Datasheet(HTML) 114 Page - Texas Instruments |
|
114 / 389 page ![]() AM5716, AM5718 SPRS919I – JUNE 2014 – REVISED OCTOBER 2015 www.ti.com Table 4-16. MCASP Signal Descriptions (continued) SIGNAL NAME DESCRIPTION TYPE BALL mcasp5_aclkr(1) MCASP5 Receive Bit Clock I/O I/O AA3 mcasp5_fsr MCASP5 Receive Frame Sync I/O I/O AB9 Multichannel Audio Serial Port 6 mcasp6_axr0 MCASP6 Transmit/Receive Data I/O I/O B12 mcasp6_axr1 MCASP6 Transmit/Receive Data I/O I/O A11 mcasp6_axr2 MCASP6 Transmit/Receive Data I/O I/O G13 mcasp6_axr3 MCASP6 Transmit/Receive Data I/O I/O J11 mcasp6_ahclkx MCASP6 Transmit High-Frequency Master Clock I/O O E17 mcasp6_aclkx(1) MCASP6 Transmit Bit Clock I/O I/O B13 mcasp6_fsx MCASP6 Transmit Frame Sync I/O I/O A12 mcasp6_aclkr(1) MCASP6 Receive Bit Clock I/O I/O B13 mcasp6_fsr MCASP6 Receive Frame Sync I/O I/O A12 Multichannel Audio Serial Port 7 mcasp7_axr0 MCASP7 Transmit/Receive Data I/O I/O E14 mcasp7_axr1 MCASP7 Transmit/Receive Data I/O I/O A13 mcasp7_axr2 MCASP7 Transmit/Receive Data I/O I/O B14 mcasp7_axr3 MCASP7 Transmit/Receive Data I/O I/O J14 mcasp7_ahclkx MCASP7 Transmit High-Frequency Master Clock I/O O B26 mcasp7_aclkx(1) MCASP7 Transmit Bit Clock I/O I/O G14 mcasp7_fsx MCASP7 Transmit Frame Sync I/O I/O F14 mcasp7_aclkr(1) MCASP7 Receive Bit Clock I/O I/O G14 mcasp7_fsr MCASP7 Receive Frame Sync I/O I/O F14 Multichannel Audio Serial Port 8 mcasp8_axr0 MCASP8 Transmit/Receive Data I/O I/O D15 mcasp8_axr1 MCASP8 Transmit/Receive Data I/O I/O B16 mcasp8_axr2 MCASP8 Transmit/Receive Data I/O I/O E15 mcasp8_axr3 MCASP8 Transmit/Receive Data I/O I/O A20 mcasp8_ahclkx MCASP8 Transmit High-Frequency Master Clock I/O O C23 mcasp8_aclkx(1) MCASP8 Transmit Bit Clock I/O I/O B17 mcasp8_fsx MCASP8 Transmit Frame Sync I/O I/O A17 mcasp8_aclkr(1) MCASP8 Receive Bit Clock I/O I/O B17 mcasp8_fsr MCASP8 Receive Frame Sync I/O I/O A17 (1) This clock signal is implemented as 'pad loopback' inside the device - the output signal is looped back through the input buffer to serve as the internal reference signal. Series termination is recommended (as close to device pin as possible) to improve signal integrity of the clock input. Any nonmonotonicity in voltage that occurs at the pad loopback clock pin between VIH and VIL must be less than VHYS. 4.4.14 Universal Serial Bus (USB) NOTE For more information, see: Serial Communication Interface / SuperSpeed USB DRD Subsystem section of the device TRM. Table 4-17. Universal Serial Bus Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL Universal Serial Bus 1 usb1_dp USB1 USB2.0 differential signal pair (positive) IODS AD12 usb1_dm USB1 USB2.0 differential signal pair (negative) IODS AC12 usb1_drvvbus USB1 Drive VBUS signal O AB10 114 Terminal Configuration and Functions Copyright © 2014–2015, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: AM5716 AM5718 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |