| Electronic Components Datasheet Search |
|
AM5716 Datasheet(PDF) 115 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5716 Datasheet(HTML) 115 Page - Texas Instruments |
|
115 / 389 page ![]() AM5716, AM5718 www.ti.com SPRS919I – JUNE 2014 – REVISED OCTOBER 2015 Table 4-17. Universal Serial Bus Signal Descriptions (continued) SIGNAL NAME DESCRIPTION TYPE BALL usb_rxn0(1) USB1 USB3.0 receiver negative lane IDS AF12 usb_rxp0(1) USB1 USB3.0 receiver positive lane IDS AE12 usb_txn0(1) USB1 USB3.0 transmitter negative lane ODS AC11 usb_txp0(1) USB1 USB3.0 transmitter positive lane ODS AD11 Universal Serial Bus 2 usb2_dp USB2 USB2.0 differential signal pair (positive) IODS AE11 usb2_dm USB2 USB2.0 differential signal pair (negative) IODS AF11 usb2_drvvbus USB2 Drive VBUS signal O AC10 (1) Signals are enabled by selecting the correct field in the PCIE_B1C0_MODE_SEL register. There are no CTRL_CORE_PAD* register involved. 4.4.15 SATA NOTE For more information, see the Serial Communication Interfaces / SATA section of the device TRM. Table 4-18. SATA Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL sata1_rxn0 SATA differential negative receiver lane 0 IDS AH9 sata1_rxp0 SATA differential positive receiver lane 0 IDS AG9 sata1_txn0 SATA differential negative transmitter lane 0 ODS AG10 sata1_txp0 SATA differential positive transmitter lane 0 ODS AH10 sata1_led SATA channel activity indicator O A22 / G19 4.4.16 Peripheral Component Interconnect Express (PCIe) NOTE For more information, see the Serial Communication Interfaces / PCIe Controllers and the Shared PHY Component Subsystems / PCIe Shared PHY Susbsytem sections of the device TRM. Table 4-19. PCIe Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL pcie_rxn0 PCIe1_PHY_RX Receive Data Lane 0 (negative) - mapped to PCIe_SS1 only. IOS AG13 pcie_rxp0 PCIe1_PHY_RX Receive Data Lane 0 (positive) - mapped to PCIe_SS1 only. IOS AH13 pcie_txn0 PCIe1_PHY_TX Transmit Data Lane 0 (negative) - mapped to PCIe_SS1 only. ODS AG14 pcie_txp0 PCIe1_PHY_TX Transmit Data Lane 0 (positive) - mapped to PCIe_SS1 only. ODS AH14 pcie_rxn1 PCIe2_PHY_RX Receive Data Lane 1 (negative) - mapped to either PCIe_SS1 IOS AF12 (dual lane- mode) or PCIe_SS2 (single lane- mode) pcie_rxp1 PCIe2_PHY_RX Receive Data Lane 1 (positive) - mapped to either PCIe_SS1 IOS AE12 (dual lane- mode) or PCIe_SS2 (single lane- mode) pcie_txn1 PCIe2_PHY_TX Transmit Data Lane 1 (negative) - mapped to either PCIe_SS1 ODS AC11 (dual lane- mode) or PCIe_SS2 (single lane- mode) pcie_txp1 PCIe2_PHY_TX Transmit Data Lane 1 (positive) - mapped to either PCIe_SS1 ODS AH14 (dual lane- mode) or PCIe_SS2 (single lane- mode) ljcb_clkp PCIe1_PHY / PCIe2_PHY shared Reference Clock Input / Output Differential Pair IODS AG15 (positive) Copyright © 2014–2015, Texas Instruments Incorporated Terminal Configuration and Functions 115 Submit Documentation Feedback Product Folder Links: AM5716 AM5718 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |