Electronic Components Datasheet Search
  English  ▼

X  

AM5716 Datasheet(PDF) 119 Page - Texas Instruments

Click here to check the latest version.
Part # AM5716
Description  AM571x SitaraTM Processors
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5716 Datasheet(HTML) 119 Page - Texas Instruments

Back Button AM5716 Datasheet HTML 115Page - Texas Instruments AM5716 Datasheet HTML 116Page - Texas Instruments AM5716 Datasheet HTML 117Page - Texas Instruments AM5716 Datasheet HTML 118Page - Texas Instruments AM5716 Datasheet HTML 119Page - Texas Instruments AM5716 Datasheet HTML 120Page - Texas Instruments AM5716 Datasheet HTML 121Page - Texas Instruments AM5716 Datasheet HTML 122Page - Texas Instruments AM5716 Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 389 page
background image
AM5716, AM5718
www.ti.com
SPRS919I – JUNE 2014 – REVISED OCTOBER 2015
Table 4-23. eMMC/SD/SDIO Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
mmc2_clk(1)
MMC2 clock
I/O
J7
mmc2_cmd
MMC2 command
I/O
H6
mmc2_sdcd
MMC2 Card Detect
I
G20
mmc2_sdwp
MMC2 Write Protect
I
G19
mmc2_dat0
MMC2 data bit 0
I/O
J4
mmc2_dat1
MMC2 data bit 1
I/O
J6
mmc2_dat2
MMC2 data bit 2
I/O
H4
mmc2_dat3
MMC2 data bit 3
I/O
H5
mmc2_dat4
MMC2 data bit 4
I/O
K7
mmc2_dat5
MMC2 data bit 5
I/O
M7
mmc2_dat6
MMC2 data bit 6
I/O
J5
mmc2_dat7
MMC2 data bit 7
I/O
K6
Multi Media Card 3
mmc3_clk(1)
MMC3 clock
I/O
AD4
mmc3_cmd
MMC3 command
I/O
AC4
mmc3_sdcd
MMC3 Card Detect
I
B21
mmc3_sdwp
MMC3 Write Protect
I
B20
mmc3_dat0
MMC3 data bit 0
I/O
AC7
mmc3_dat1
MMC3 data bit 1
I/O
AC6
mmc3_dat2
MMC3 data bit 2
I/O
AC9
mmc3_dat3
MMC3 data bit 3
I/O
AC3
mmc3_dat4
MMC3 data bit 4
I/O
AC8
mmc3_dat5
MMC3 data bit 5
I/O
AD6
mmc3_dat6
MMC3 data bit 6
I/O
AB8
mmc3_dat7
MMC3 data bit 7
I/O
AB5
Multi Media Card 4
mmc4_clk(1)
MMC4 clock
I/O
E25
mmc4_cmd
MMC4 command
I/O
C27
mmc4_sdcd
MMC4 Card Detect
I
B27
mmc4_sdwp
MMC4 Write Protect
I
C26
mmc4_dat0
MMC4 data bit 0
I/O
D28
mmc4_dat1
MMC4 data bit 1
I/O
D26
mmc4_dat2
MMC4 data bit 2
I/O
D27
mmc4_dat3
MMC4 data bit 3
I/O
C28
(1) By default, this clock signal is implemented as 'pad loopback' inside the device - the output signal is looped back through the input buffer
to serve as the internal reference signal. mmc1_clk and mmc2_clk have an optional software programmable setting to use an 'internal
loopback clock' instead of the default 'pad loopback clock'. If the 'pad loopback clock' is used, series termination is recommended (as
close to device pin as possible) to improve signal integrity of the clock input. Any nonmonotonicity in voltage that occurs at the pad
loopback clock pin between VIH and VIL must be less than VHYS.
4.4.21 General-Purpose Interface (GPIO)
NOTE
For more information, see the General-Purpose Interface section of the device TRM.
Table 4-24. GPIOs Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
GPIO 1
Copyright © 2014–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
119
Submit Documentation Feedback
Product Folder Links: AM5716 AM5718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com