| Electronic Components Datasheet Search |
|
AM5716 Datasheet(PDF) 116 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5716 Datasheet(HTML) 116 Page - Texas Instruments |
|
116 / 389 page ![]() AM5716, AM5718 SPRS919I – JUNE 2014 – REVISED OCTOBER 2015 www.ti.com Table 4-19. PCIe Signal Descriptions (continued) SIGNAL NAME DESCRIPTION TYPE BALL ljcb_clkn PCIe1_PHY / PCIe2_PHY shared Reference Clock Input / Output Differential Pair IODS AH15 (negative) 4.4.17 Controller Area Network Interface (DCAN) NOTE For more information, see the Serial Communication Interface / DCAN section of the device TRM. Table 4-20. DCAN Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL DCAN 1 dcan1_tx DCAN1 transmit data pin I/O G20 dcan1_rx DCAN1 receive data pin I/O G19 / AD17 DCAN 2 dcan2_tx DCAN2 transmit data pin I/O E21/ B21 dcan2_rx DCAN2 receive data pin I/O F20/ B20 4.4.18 Ethernet Interface (GMAC_SW) CAUTION The I/O timings provided in Section 7, Timing Requirements and Switching Characteristics are valid only if signals within a single IOSET are used. The IOSETs are defined in Table 7-64, Table 7-67, Table 7-72 and Table 7-79. NOTE For more information, see the Serial Communication Interfaces / Ethernet Controller section of the device TRM. Table 4-21. GMAC Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL rgmii0_txc RGMII0 Transmit Clock O W9 rgmii0_txctl RGMII0 Transmit Enable O V9 rgmii0_txd3 RGMII0 Transmit Data O V7 rgmii0_txd2 RGMII0 Transmit Data O U7 rgmii0_txd1 RGMII0 Transmit Data O V6 rgmii0_txd0 RGMII0 Transmit Data O U6 rgmii0_rxc RGMII0 Receive Clock I U5 rgmii0_rxctl RGMII0 Receive Control I V5 rgmii0_rxd3 RGMII0 Receive Data I V4 rgmii0_rxd2 RGMII0 Receive Data I V3 rgmii0_rxd1 RGMII0 Receive Data I Y2 rgmii0_rxd0 RGMII0 Receive Data I W2 rgmii1_txc RGMII1 Transmit Clock O D5 rgmii1_txctl RGMII1 Transmit Enable O C2 116 Terminal Configuration and Functions Copyright © 2014–2015, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: AM5716 AM5718 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |