| Electronic Components Datasheet Search |
|
AM5716 Datasheet(PDF) 130 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5716 Datasheet(HTML) 130 Page - Texas Instruments |
|
130 / 389 page ![]() AM5716, AM5718 SPRS919I – JUNE 2014 – REVISED OCTOBER 2015 www.ti.com Table 4-27. PRU-ICSS Signal Descriptions (continued) SIGNAL NAME DESCRIPTION TYPE BALL BOTTOM pr2_pru1_gpo0 PRU1 General-Purpose Output O D17, V1 pr2_pru1_gpo1 PRU1 General-Purpose Output O AA3, U4 pr2_pru1_gpo10 PRU1 General-Purpose Output O B12, U6 pr2_pru1_gpo11 PRU1 General-Purpose Output O A11, U5 pr2_pru1_gpo12 PRU1 General-Purpose Output O B13, V5 pr2_pru1_gpo13 PRU1 General-Purpose Output O A12, V4 pr2_pru1_gpo14 PRU1 General-Purpose Output O E14, V3 pr2_pru1_gpo15 PRU1 General-Purpose Output O A13, Y2 pr2_pru1_gpo16 PRU1 General-Purpose Output O G14, W2 pr2_pru1_gpo17 PRU1 General-Purpose Output O E11 pr2_pru1_gpo18 PRU1 General-Purpose Output O F11 pr2_pru1_gpo19 PRU1 General-Purpose Output O G10 pr2_pru1_gpo2 PRU1 General-Purpose Output O AB9, U3 pr2_pru1_gpo20 PRU1 General-Purpose Output O F10 pr2_pru1_gpo3 PRU1 General-Purpose Output O AB3, V2 pr2_pru1_gpo4 PRU1 General-Purpose Output O AA4, Y1 pr2_pru1_gpo5 PRU1 General-Purpose Output O D18, W9 pr2_pru1_gpo6 PRU1 General-Purpose Output O E17, V9 pr2_pru1_gpo7 PRU1 General-Purpose Output O C14, V7 pr2_pru1_gpo8 PRU1 General-Purpose Output O G12, U7 pr2_pru1_gpo9 PRU1 General-Purpose Output O F12, V6 pr2_edc_latch0_in Latch Input 0 I F9 pr2_edc_latch1_in Latch Input 1 I F8 pr2_edc_sync0_out SYNC 0 Output O E7 pr2_edc_sync1_out SYNC 1 Output O E8 pr2_edio_data_in0 Ethernet Digital Input I B7 pr2_edio_data_in1 Ethernet Digital Input I B8 pr2_edio_data_in2 Ethernet Digital Input I A7 pr2_edio_data_in3 Ethernet Digital Input I A8 pr2_edio_data_in4 Ethernet Digital Input I C9 pr2_edio_data_in5 Ethernet Digital Input I A9 pr2_edio_data_in6 Ethernet Digital Input I B9 pr2_edio_data_in7 Ethernet Digital Input I A10 pr2_edio_data_out0 Ethernet Digital Output O B7 pr2_edio_data_out1 Ethernet Digital Output O B8 pr2_edio_data_out2 Ethernet Digital Output O A7 pr2_edio_data_out3 Ethernet Digital Output O A8 pr2_edio_data_out4 Ethernet Digital Output O C9 pr2_edio_data_out5 Ethernet Digital Output O A9 pr2_edio_data_out6 Ethernet Digital Output O B9 pr2_edio_data_out7 Ethernet Digital Output O A10 pr2_edio_latch_in Latch Input I D9 pr2_edio_sof Start Of Frame O D7 pr2_mdio_data MDIO Data IO AA4, D14 pr2_mdio_mdclk MDIO Clock O AB3, C14 pr2_mii0_col MII0 Collision Detect I F15 pr2_mii0_crs MII0 Carrier Sense I B18 130 Terminal Configuration and Functions Copyright © 2014–2015, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: AM5716 AM5718 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |