Electronic Components Datasheet Search
  English  ▼

X  

AM5716 Datasheet(PDF) 131 Page - Texas Instruments

Click here to check the latest version.
Part # AM5716
Description  AM571x SitaraTM Processors
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5716 Datasheet(HTML) 131 Page - Texas Instruments

Back Button AM5716 Datasheet HTML 127Page - Texas Instruments AM5716 Datasheet HTML 128Page - Texas Instruments AM5716 Datasheet HTML 129Page - Texas Instruments AM5716 Datasheet HTML 130Page - Texas Instruments AM5716 Datasheet HTML 131Page - Texas Instruments AM5716 Datasheet HTML 132Page - Texas Instruments AM5716 Datasheet HTML 133Page - Texas Instruments AM5716 Datasheet HTML 134Page - Texas Instruments AM5716 Datasheet HTML 135Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 389 page
background image
AM5716, AM5718
www.ti.com
SPRS919I – JUNE 2014 – REVISED OCTOBER 2015
Table 4-27. PRU-ICSS Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL BOTTOM
pr2_mii0_rxd0
MII0 Receive Data
I
C15
pr2_mii0_rxd1
MII0 Receive Data
I
A18
pr2_mii0_rxd2
MII0 Receive Data
I
A19
pr2_mii0_rxd3
MII0 Receive Data
I
F14
pr2_mii0_rxdv
MII0 Data Valid
I
G14
pr2_mii0_rxer
MII0 Receive Error
I
G12
pr2_mii0_rxlink
MII0 Receive Link
I
A16
pr2_mii0_txd0
MII0 Transmit Data
O
E14
pr2_mii0_txd1
MII0 Transmit Data
O
A12
pr2_mii0_txd2
MII0 Transmit Data
O
B13
pr2_mii0_txd3
MII0 Transmit Data
O
A11
pr2_mii0_txen
MII0 Transmit Enable
O
B12
pr2_mii_mr0_clk
MII0 Receive Clock
I
A13
pr2_mii_mt0_clk
MII0 Transmit Clock
I
F12
pr2_mii1_col
MII1 Collision Detect
I
D18
pr2_mii1_crs
MII1 Carrier Sense
I
E17
pr2_mii1_rxd0
MII1 Receive Data
I
AB5
pr2_mii1_rxd1
MII1 Receive Data
I
AB8
pr2_mii1_rxd2
MII1 Receive Data
I
AD6
pr2_mii1_rxd3
MII1 Receive Data
I
AC8
pr2_mii1_rxdv
MII1 Data Valid
I
AC3
pr2_mii1_rxer
MII1 Receive Error
I
B19
pr2_mii1_rxlink
MII1 Receive Link
I
C17
pr2_mii1_txd0
MII1 Transmit Data
O
AC6
pr2_mii1_txd1
MII1 Transmit Data
O
AC7
pr2_mii1_txd2
MII1 Transmit Data
O
AC4
pr2_mii1_txd3
MII1 Transmit Data
O
AD4
pr2_mii1_txen
MII1 Transmit Enable
O
AB4
pr2_mii_mr1_clk
MII1 Receive Clock
I
AC9
pr2_mii_mt1_clk
MII1 Transmit Clock
I
AC5
pr2_uart0_cts_n
UART Clear-To-Send
I
D8
pr2_uart0_rts_n
UART Ready-To-Send
O
A5
pr2_uart0_rxd
UART Receive Data
I
C6
pr2_uart0_txd
UART Transmit Data
O
C8
pr2_ecap0_ecap_capin_apwm_ Capture Input / PWM output
IO
C7
o
NOTE
PRU-ICSS has internal multiplexing capability of pin functions. See PRU-ICSS EGPIO
Internal Pinmux in device TRM. Besides, EGPIO module can be configured to export
additional functions to EGPIO pins in place of simple GPIO. See Enhanced General-
Purpose Module/Serial Capture Unit in device TRM.
Copyright © 2014–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
131
Submit Documentation Feedback
Product Folder Links: AM5716 AM5718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com