Electronic Components Datasheet Search
  English  ▼

X  

AM5716 Datasheet(PDF) 135 Page - Texas Instruments

Click here to check the latest version.
Part # AM5716
Description  AM571x SitaraTM Processors
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5716 Datasheet(HTML) 135 Page - Texas Instruments

Back Button AM5716 Datasheet HTML 131Page - Texas Instruments AM5716 Datasheet HTML 132Page - Texas Instruments AM5716 Datasheet HTML 133Page - Texas Instruments AM5716 Datasheet HTML 134Page - Texas Instruments AM5716 Datasheet HTML 135Page - Texas Instruments AM5716 Datasheet HTML 136Page - Texas Instruments AM5716 Datasheet HTML 137Page - Texas Instruments AM5716 Datasheet HTML 138Page - Texas Instruments AM5716 Datasheet HTML 139Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 389 page
background image
AM5716, AM5718
www.ti.com
SPRS919I – JUNE 2014 – REVISED OCTOBER 2015
Table 4-32. SDMA Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
dma_evt4
System DMA Event Input 4
I
M4
4.4.26.5 Interrupt Controllers (INTC)
NOTE
For more information, see the Interrupt Controllers section of the device TRM.
Table 4-33. INTC Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
nmin_dsp
Non maskable interrupt input, active-low. This pin can be optionally routed to the
I
D21
DSP NMI input or as generic input to the ARM cores. Note that by default this pin
has an internal pulldown resistor enabled. This internal pulldown should be disabled
or countered by a stronger external pullup resistor before routing to the DSP or
ARM processors.
sys_nirq2
External interrupt event to any device INTC
I
AD17
sys_nirq1
External interrupt event to any device INTC
I
AC16
4.4.26.6 Observability
NOTE
For more information, see the Control Module section of the device TRM.
Table 4-34. Observability Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
obs0
Observation Output 0
O
F10
obs1
Observation Output 1
O
G11
obs2
Observation Output 2
O
E9
obs3
Observation Output 3
O
F9
obs4
Observation Output 4
O
F8
obs5
Observation Output 5
O
D7
obs6
Observation Output 6
O
D8
obs7
Observation Output 7
O
A5
obs8
Observation Output 8
O
C6
obs9
Observation Output 9
O
C8
obs10
Observation Output 10
O
C7
obs11
Observation Output 11
O
A7
obs12
Observation Output 12
O
A8
obs13
Observation Output 13
O
C9
obs14
Observation Output 14
O
A9
obs15
Observation Output 15
O
B9
obs16
Observation Output 16
O
F10
obs17
Observation Output 17
O
G11
obs18
Observation Output 18
O
E9
obs19
Observation Output 19
O
F9
obs20
Observation Output 20
O
F8
obs21
Observation Output 21
O
D7
obs22
Observation Output 22
O
D8
Copyright © 2014–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
135
Submit Documentation Feedback
Product Folder Links: AM5716 AM5718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com