Electronic Components Datasheet Search
  English  ▼

X  

AM5716 Datasheet(PDF) 137 Page - Texas Instruments

Click here to check the latest version.
Part # AM5716
Description  AM571x SitaraTM Processors
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5716 Datasheet(HTML) 137 Page - Texas Instruments

Back Button AM5716 Datasheet HTML 133Page - Texas Instruments AM5716 Datasheet HTML 134Page - Texas Instruments AM5716 Datasheet HTML 135Page - Texas Instruments AM5716 Datasheet HTML 136Page - Texas Instruments AM5716 Datasheet HTML 137Page - Texas Instruments AM5716 Datasheet HTML 138Page - Texas Instruments AM5716 Datasheet HTML 139Page - Texas Instruments AM5716 Datasheet HTML 140Page - Texas Instruments AM5716 Datasheet HTML 141Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 389 page
background image
AM5716, AM5718
www.ti.com
SPRS919I – JUNE 2014 – REVISED OCTOBER 2015
Table 4-35. Power Supply Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
cap_vddram_core4(1)
External capacitor connection for the Core SRAM array ldo4 output
CAP
J19
cap_vddram_mpu(1)
External capacitor connection for the MPU SRAM array ldo output
CAP
K19
cap_vddram_gpu(1)
External capacitor connection for the GPU SRAM array ldo output
CAP
Y13
cap_vddram_iva(1)
External capacitor connection for the IVA SRAM array ldo output
CAP
K16
cap_vddram_dsp(1)
External capacitor connection for the DSP
CAP
J9
vdda_dsp_iva
DSP PLL and IVA PLL analog power supply
PWR
N12
vdda_core_gmac
DPLL_CORE and CORE HSDIVIDER analog power supply
PWR
P14
vdda_pll_spare
DPLL_SPARE analog power supply
PWR
P15
vdda_per
DPLL_ABE, DPLL_PER, and PER HSDIVIDER analog power supply
PWR
M14
vdda_mpu_abe
MPU_ABE PLL analog power supply
PWR
N16
vdda33v_usb1
HS USB1 3.3V analog power supply. If USB1 is not used, this pin can
PWR
AA12
alternatively be connected to VSS if the following requirements are met:
- The usb1_dm/usb1_dp pins are left unconnected
- The USB1 PHY is kept powered down
vdda33v_usb2
HS USB2 3.3V analog power supply. If USB2 is not used, this pin can
PWR
Y12
alternatively be connected to VSS if the following requirements are met:
- The usb2_dm/usb2_dp pins are left unconnected
- The USB2 PHY is kept powered down
vdda_ddr
DPLL_DDR and DDR HSDIVIDER analog power supply
PWR
R17
vdda_debug
DPLL_DEBUG analog power supply
PWR
N11
vdda_gpu
DPLL_GPU analog power supply
PWR
R14
vdda_hdmi
PLL_HDMI and HDMI analog power supply
PWR
Y17
vdda_osc
HFOSC analog power supply
PWR
AD16 / AE16
vdda_pcie
DPLL_PCIe_REF and PCIe analog power supply
PWR
AA17
vdda_pcie0
PCIe ch0 RX/TX analog power supply
PWR
AA16
vdda_rtc
RTC bias and RTC LFOSC analog power supply
PWR
AB13
vdda_sata
DPLL_SATA and SATA RX/TX analog power supply
PWR
V13
vdda_usb1
DPLL_USB and HS USB1 1.8V analog power supply
PWR
AA13
vdda_usb2
HS USB2 1.8V analog power supply
PWR
AB12
vdda_usb3
DPLL_USB_OTG_SS and USB3.0 RX/TX analog power supply
PWR
W14
vdda_csi
CSI Interface 1.8v Supply
PWR
W12
vdda_video
VIDEO1 and VIDEO2 PLL analog power supply
PWR
P16
vdds18v
1.8V power supply
PWR
G18 / H17 / M8 / M9 /
N8 / P8 / R8 / T8 /
V21 / V22 / W17 /
W18
vdds18v_ddr1
EMIF1 bias power supply
PWR
AA18 / AA19 / N21 /
P20 / P21 / W21 /
Y21
vddshv1
Dual Voltage (1.8V or 3.3V) power supply for the VIN2 Power Group
PWR
E3 / E5 / G4 / G5 / H8
pins
/ H9
vddshv2
Dual Voltage (1.8V or 3.3V) power supply for the VOUT Power Group
PWR
B6 / D10 / E10 / H10 /
pins
H11
vddshv3
Dual Voltage (1.8V or 3.3V) power supply for the GENERAL Power
PWR
B23 / D16 / D22 / E16
Group pins
/ E22 / G15 / H15 /
H16 / H18 / H19
vddshv4
Dual Voltage (1.8V or 3.3V) power supply for the MMC4 Power Group
PWR
C24
pins
vddshv5
Dual Voltage (1.8V or 3.3V) power supply for the RTC Power Group
PWR
V12
pins
vddshv6
Dual Voltage (1.8V or 3.3V) power supply for the VIN1 Power Group
PWR
AD5 / AD7 / AE7 /
pins
AF5
Copyright © 2014–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
137
Submit Documentation Feedback
Product Folder Links: AM5716 AM5718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com