Electronic Components Datasheet Search
  English  ▼

X  

AM5716 Datasheet(PDF) 134 Page - Texas Instruments

Click here to check the latest version.
Part # AM5716
Description  AM571x SitaraTM Processors
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5716 Datasheet(HTML) 134 Page - Texas Instruments

Back Button AM5716 Datasheet HTML 130Page - Texas Instruments AM5716 Datasheet HTML 131Page - Texas Instruments AM5716 Datasheet HTML 132Page - Texas Instruments AM5716 Datasheet HTML 133Page - Texas Instruments AM5716 Datasheet HTML 134Page - Texas Instruments AM5716 Datasheet HTML 135Page - Texas Instruments AM5716 Datasheet HTML 136Page - Texas Instruments AM5716 Datasheet HTML 137Page - Texas Instruments AM5716 Datasheet HTML 138Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 389 page
background image
AM5716, AM5718
SPRS919I – JUNE 2014 – REVISED OCTOBER 2015
www.ti.com
Table 4-30. PRCM Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
xref_clk1
External Reference Clock 1. For Audio and other Peripherals.
I
E17
xref_clk2
External Reference Clock 2. For Audio and other Peripherals.
I
B26
xref_clk3
External Reference Clock 3. For Audio and other Peripherals.
I
C23
xi_osc0
System Oscillator OSC0 Crystal input / LVCMOS clock input.Functions as the
I
AE15
input connection to a crystal when the internal oscillator OSC0 is used. Functions
as an LVCMOS-compatible input clock when an external oscillator is used.
xo_osc0
System Oscillator OSC0 Crystal output
O
AD15
xi_osc1
Auxiliary Oscillator OSC1 Crystal input / LVCMOS clock input.Functions as the
I
AC15
input connection to a crystal when the internal oscillator OSC1 is used. Functions
as an LVCMOS-compatible input clock when an external oscillator is used
xo_osc1
Auxiliary Oscillator OSC1 Crystal output
O
AC13
RMII_MHZ_50_CL RMII Reference Clock (50MHz).This pin is an input when external reference is
I/O
U3
K(1)
used or output when internal reference is used.
(1) This clock signal is implemented as 'pad loopback' inside the device - the output signal is looped back through the input buffer to serve
as the internal reference signal. Series termination is recommended (as close to device pin as possible) to improve signal integrity of the
clock input. Any nonmonotonicity in voltage that occurs at the pad loopback clock pin between VIH and VIL must be less than VHYS.
4.4.26.3 Real-Time Clock (RTC) Interface
NOTE
For more information, see the Real-Time Clock (RTC) chapter of the device TRM.
NOTE
RTC only mode is not supported feature.
Table 4-31. RTC Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Wakeup0
RTC External Wakeup Input 0
I
AD17
Wakeup3
RTC External Wakeup Input 3
I
AC16
rtc_porz
RTC Power Domain Power-On Reset Input
I
AB17
rtc_osc_xi_clkin32
RTC Oscillator Input. Crystal connection to internal RTC oscillator. Functions as
I
AE14
an RTC clock input when an external oscillator is used.
rtc_osc_xo
RTC Oscillator Output
O
AD14
rtc_iso(1)
RTC Domain Isolation Signal
I
AF14
on_off
RTC Power Enable output pin
O
Y11
(1) This signal must be kept 0 if device power supplies are not valid during RTC mode and 1 during normal operation. This can typically be
achieved by connecting rtc_iso to the same signal driving porz (not rtc_porz) with appropriate voltage level translation if necessary.
4.4.26.4 System Direct Memory Access (SDMA)
NOTE
For more information, see the DMA Controllers / System DMA section of the device TRM.
Table 4-32. SDMA Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
dma_evt1
System DMA Event Input 1
I
P7 / P4
dma_evt2
System DMA Event Input 2
I
N1 / R3
dma_evt3
System DMA Event Input 3
I
N6
134
Terminal Configuration and Functions
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM5716 AM5718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com