Electronic Components Datasheet Search
  English  ▼

X  

AM5716 Datasheet(PDF) 136 Page - Texas Instruments

Click here to check the latest version.
Part # AM5716
Description  AM571x SitaraTM Processors
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5716 Datasheet(HTML) 136 Page - Texas Instruments

Back Button AM5716 Datasheet HTML 132Page - Texas Instruments AM5716 Datasheet HTML 133Page - Texas Instruments AM5716 Datasheet HTML 134Page - Texas Instruments AM5716 Datasheet HTML 135Page - Texas Instruments AM5716 Datasheet HTML 136Page - Texas Instruments AM5716 Datasheet HTML 137Page - Texas Instruments AM5716 Datasheet HTML 138Page - Texas Instruments AM5716 Datasheet HTML 139Page - Texas Instruments AM5716 Datasheet HTML 140Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 389 page
background image
AM5716, AM5718
SPRS919I – JUNE 2014 – REVISED OCTOBER 2015
www.ti.com
Table 4-34. Observability Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
obs23
Observation Output 23
O
A5
obs24
Observation Output 24
O
C6
obs25
Observation Output 25
O
C8
obs26
Observation Output 26
O
C7
obs27
Observation Output 27
O
A7
obs28
Observation Output 28
O
A8
obs29
Observation Output 29
O
C9
obs30
Observation Output 30
O
A9
obs31
Observation Output 31
O
B9
obs_dmarq1
DMA Request External Observation Output 1
O
G11
obs_dmarq2
DMA Request External Observation Output 2
O
D8
obs_irq1
IRQ External Observation Output 1
O
F10
obs_irq2
IRQ External Observation Output 2
O
D7
4.4.27 Power Supplies
NOTE
For more information, see Power, Reset and Clock Management / PRCM Subsystem
Environment / External Voltage Inputs section of the device TRM.
Table 4-35. Power Supply Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
PWR
H13 / H14 / J17 / J18
/ L7 / L8 / N10 / N13 /
P11 / P12 / P13 / R11
vdd
Core voltage domain supply
/ R16 / R19 / T13 /
T16 / T19 / U13 / U16
/ U8 / U9 / V16 / V8
GND
A1 / A14 / A2 / A23 /
A28 / A6 / AA14 /
AA15 / AA20 / AA8 /
AA9 / AB14 / AB20 /
AD1 / AD24 / AG1 /
AH1 / AH2 / AH20 /
AH28 / B1 / D13 /
D19 / E13 / E19 / F1 /
F7 / G7 / G8 / G9 /
H12 / J12 / J15 / J28 /
vss
Ground
K1 / K15 / K24 / K25 /
K4 / K5 / L13 / L14 /
M19 / N14 / N15 /
N19 / N24 / N25 / P28
/ R1 / R12 / R13 /
R21 / T10 / T11 / T12
/ T14 / T15 / T17 /
T18 / T21 / U14 / U15
/ U17 / U20 / U21 /
V15 / V17 / W1 / W15
/ W24 / W25 / W28
cap_vbbldo_gpu(1)
External capacitor connection for the GPU vbb ldo output
CAP
Y14
cap_vbbldo_iva(1)
External capacitor connection for the IVA vbb ldo output
CAP
J10
cap_vbbldo_mpu(1)
External capacitor connection for the MPU vbb ldo output
CAP
J16
cap_vbbldo_dsp(1)
External capacitor connection for the DSP vbb ldo output
CAP
K9
cap_vddram_core1(1)
External capacitor connection for the Core SRAM array ldo1 output
CAP
T20
cap_vddram_core3(1)
External capacitor connection for the Core SRAM array ldo3 output
CAP
L9
136
Terminal Configuration and Functions
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM5716 AM5718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com