Electronic Components Datasheet Search
  English  ▼

X  

AM5716 Datasheet(PDF) 141 Page - Texas Instruments

Click here to check the latest version.
Part # AM5716
Description  AM571x SitaraTM Processors
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5716 Datasheet(HTML) 141 Page - Texas Instruments

Back Button AM5716 Datasheet HTML 137Page - Texas Instruments AM5716 Datasheet HTML 138Page - Texas Instruments AM5716 Datasheet HTML 139Page - Texas Instruments AM5716 Datasheet HTML 140Page - Texas Instruments AM5716 Datasheet HTML 141Page - Texas Instruments AM5716 Datasheet HTML 142Page - Texas Instruments AM5716 Datasheet HTML 143Page - Texas Instruments AM5716 Datasheet HTML 144Page - Texas Instruments AM5716 Datasheet HTML 145Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 389 page
background image
AM5716, AM5718
www.ti.com
SPRS919I – JUNE 2014 – REVISED OCTOBER 2015
Table 5-3. Power on Hour (POH) Limits(1) (continued)
OPERATING CONDITION
COMMERCIAL JUNCTION
EXTENDED JUNCTION TEMP RANGE -40°C ~ 105°C
TEMP RANGE 0°C ~ 90°C
OPP
HDMI
JUNCTION
LIFETIME
JUNCTION
LIFETIME
JUNCTION
LIFETIME
TEMP (Tj)
(POH)
TEMP (Tj)
(POH)
TEMP (Tj)
(POH)
OPP_HIGH
Not Used
90°C
65k
100°C
55k
105°C
50k
Used(2)
90°C
65k
100°C
55k
105°C
45k
(1) Unless specified in Table 5-3, all voltage domains and operating conditions are supported in the device at the noted temperatures.
(2) Power-on hours (POH) assume HDMI is used at the maximum supported bit rate continuously and/or operating the device continuously
at the VD_MPU operating point (OPP) noted.
5.4
Recommended Operating Conditions
The device is used under the recommended operating conditions described in Table 5-4.
NOTE
Logic functions and parameter values are not assured out of the range specified in the
recommended operating conditions.
Table 5-4. Recommended Operating Conditions
PARAMETER
DESCRIPTION
MIN (2)
NOM
MAX DC (3)
MAX (2)
UNIT
Input Power Supply Voltage Range
vdd
Core voltage domain supply
See Section 5.5
V
vdd_mpu
Supply voltage range for MPU domain
See Section 5.5
V
vdd_gpu
GPU voltage domain supply
See Section 5.5
V
vdd_dsp
DSP voltage domain supply
See Section 5.5
V
vdd_iva
IVA voltage domain supply
See Section 5.5
V
vdd_rtc
RTC voltage domain supply
See Section 5.5
V
vdda_usb1
DPLL_USB and HS USB1 1.8V analog
1.71
1.80
1.836
1.89
V
power supply
Maximum noise (peak-peak)
50
mVPPmax
vdda_usb2
HS USB2 1.8V analog power supply
1.71
1.80
1.836
1.89
V
Maximum noise (peak-peak)
50
mVPPmax
vdda33v_usb1
HS USB1 3.3V analog power supply.If
3.135
3.3
3.366
3.465
V
USB1 is not used, this pin can
alternatively be connected to VSS if the
following requirements are met:
- The usb1_dm/usb1_dp pins are left
unconnected
- The USB1 PHY is kept powered down
Maximum noise (peak-peak)
50
mVPPmax
vdda33v_usb2
HS USB2 3.3V analog power supply. If
3.135
3.3
3.366
3.465
V
USB2 is not used, this pin can
alternatively be connected to VSS if the
following requirements are met:
- The usb2_dm/usb2_dp pins are left
unconnected
- The USB2 PHY is kept powered down
Maximum noise (peak-peak)
50
mVPPmax
vdda_per
PER PLL and PER HSDIVIDER analog
1.71
1.80
1.836
1.89
V
power supply
Maximum noise (peak-peak)
50
mVPPmax
vdda_ddr
DPLL_DDR and DDR HSDIVIDER
1.71
1.80
1.836
1.89
V
analog power supply
Maximum noise (peak-peak)
50
mVPPmax
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
141
Submit Documentation Feedback
Product Folder Links: AM5716 AM5718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com