Electronic Components Datasheet Search
  English  ▼

X  

AM5716 Datasheet(PDF) 145 Page - Texas Instruments

Click here to check the latest version.
Part # AM5716
Description  AM571x SitaraTM Processors
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5716 Datasheet(HTML) 145 Page - Texas Instruments

Back Button AM5716 Datasheet HTML 141Page - Texas Instruments AM5716 Datasheet HTML 142Page - Texas Instruments AM5716 Datasheet HTML 143Page - Texas Instruments AM5716 Datasheet HTML 144Page - Texas Instruments AM5716 Datasheet HTML 145Page - Texas Instruments AM5716 Datasheet HTML 146Page - Texas Instruments AM5716 Datasheet HTML 147Page - Texas Instruments AM5716 Datasheet HTML 148Page - Texas Instruments AM5716 Datasheet HTML 149Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 389 page
background image
AM5716, AM5718
www.ti.com
SPRS919I – JUNE 2014 – REVISED OCTOBER 2015
(1) N/A in this table stands for Not Applicable.
(2) Device will boot up initially at 588MHz. An intermediate boot program must immediately reprogram the PLL to a frequency not over
500MHz.
5.5.1
AVS and ABB Requirements
Adaptive Voltage Scaling (AVS) and Adaptive Body Biasing (ABB) are required on most of the vdd_*
supplies as defined in Table 5-6.
Table 5-6. AVS and ABB Requirements per vdd_* Supply
SUPPLY
AVS REQUIRED?
ABB REQUIRED?
vdd_core
Yes, for all OPPs
No
vdd_mpu
Yes, for all OPPs
Yes, for all OPPs
vdd_iva
Yes, for all OPPs
Yes, for all OPPs
vdd_dsp
Yes, for all OPPs
Yes, for all OPPs
vdd_gpu
Yes, for all OPPs
Yes, for all OPPs
vdd_rtc
No
No
5.5.2
Voltage And Core Clock Specifications
Table 5-7 shows the recommended OPP per voltage domain.
Table 5-7. Voltage Domains Operating Performance Points (1)
DOMAIN
CONDITION
OPP_NOM
OPP_OD
OPP_HIGH
MIN (3)
NOM (2)
MAX (3)
MIN (3)
NOM (2)
MAX (3)
MIN (3)
NOM (2)
MAX DC
MAX (3)
(4)
VD_CORE
BOOT (Before
1.02
1.06
1.16
Not Applicable
Not Applicable
(V)
AVS is enabled)
(5)
After AVS is
AVS
AVS
1.16
Not Applicable
Not Applicable
enabled (5)
Voltage
Voltage
(6) –
(6)
3.5%
VD_MPU (V)
BOOT (Before
1.06
1.10
1.16
Not Applicable
Not Applicable
AVS is enabled)
(5)
After AVS is
AVS
AVS
1.16
AVS
AVS
AVS
AVS
AVS
AVS
AVS
enabled (5)
Voltage
Voltage
Voltage
Voltage
Voltage
Voltage
Voltage
Voltage
Voltage
(6) –
(6)
(6) –
(6)
(6) + 5%
(6) –
(6)
(6) +2%
(6) + 5%
3.5%
3.5%
3.5%
VD_RTC (7)
-
0.84
0.88 to
1.16
Not Applicable
Not Applicable
(V)
1.06
Others (V)
BOOT (Before
1.02
1.06
1.16
Not Applicable
Not Applicable
AVS is enabled)
(5)
After AVS is
AVS
AVS
1.16
AVS
AVS
AVS
AVS
AVS
AVS
AVS
enabled (5)
Voltage
Voltage
Voltage
Voltage
Voltage
Voltage
Voltage
Voltage
Voltage
(6) –
(6)
(6) –
(6)
(6) + 5%
(6) –
(6)
(6) +2%
(6) + 5%
3.5%
3.5%
3.5%
(1) The voltage ranges in this table are preliminary, and final voltage ranges may be different than shown. Systems should be designed with
the ability to modify the voltage to comply with future recommendations.
(2) In a typical implementation, the power supply should target the NOM voltage.
(3) The voltage at the device ball should never be below the MIN voltage or above the MAX voltage for any amount of time. This
requirement includes dynamic voltage events such as AC ripple, voltage transients, voltage dips, etc.
(4) The DC voltage at the device ball should never be above the MAX DC voltage to avoid impact on device reliability and lifetime POH
(Power-On-Hours). The MAX DC voltage is defined as the highest allowed DC regulated voltage, without transients, seen at the ball.
(5) For all OPPs, AVS must be enabled to avoid impact on device reliability, lifetime POH (Power-On-Hours), and device power.
(6) The AVS voltages are device-dependent, voltage domain-dependent, and OPP-dependent. They must be read from the
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
145
Submit Documentation Feedback
Product Folder Links: AM5716 AM5718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com