Electronic Components Datasheet Search
  English  ▼

X  

AM5716 Datasheet(PDF) 148 Page - Texas Instruments

Click here to check the latest version.
Part # AM5716
Description  AM571x SitaraTM Processors
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5716 Datasheet(HTML) 148 Page - Texas Instruments

Back Button AM5716 Datasheet HTML 144Page - Texas Instruments AM5716 Datasheet HTML 145Page - Texas Instruments AM5716 Datasheet HTML 146Page - Texas Instruments AM5716 Datasheet HTML 147Page - Texas Instruments AM5716 Datasheet HTML 148Page - Texas Instruments AM5716 Datasheet HTML 149Page - Texas Instruments AM5716 Datasheet HTML 150Page - Texas Instruments AM5716 Datasheet HTML 151Page - Texas Instruments AM5716 Datasheet HTML 152Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 389 page
background image
AM5716, AM5718
SPRS919I – JUNE 2014 – REVISED OCTOBER 2015
www.ti.com
Table 5-9. Maximum Supported Frequency (continued)
MODULE
CLOCK SOURCES
PLL / OSC /
Clock
Max. Clock
PLL / OSC /
Instance Name
Input Clock Name
PRCM Clock Name
Source Clock
Type
Allowed (MHz)
Source Name
Name
DSS DISPC
LCD1_CLK
Func
209.3
N/A
DPLL_DSI1_A_CL
See DSS data in
K1
the rows above
DSS_CLK
LCD2_CLK
Func
209.3
N/A
DPLL_DSI1_B_CL
K1
DSS_CLK
LCD3_CLK
Func
209.3
N/A
DPLL_DSI1_C_CL
K1
DSS_CLK
F_CLK
Func
209.3
N/A
DPLL_DSI1_A_CL
K1
DPLL_DSI1_B_CL
K1
DPLL_DSI1_C_CL
K1
DSS_CLK
DPLL_HDMI_CLK1
EFUSE_CTRL_CU
ocp_clk
Int
133
CUSTEFUSE_L4_GICL
CORE_X2_CLK
DPLL_CORE
ST
K
sys_clk
Func
38.4
CUSTEFUSE_SYS_GF
SYS_CLK1
OSC1
CLK
ELM
ELM_ICLK
Int
266
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
EMIF_OCP_FW
L3_CLK
Int
266
EMIF_L3_GICLK
CORE_X2_CLK
DPLL_CORE
EMIF_PHY1
EMIF_PHY1_FCLK
Func
DDR
EMIF_PHY_GCLK
EMIF_PHY_GCLK
DPLL_DDR
EMIF1
EMIF1_ICLK
Int
266
EMIF_L3_GICLK
CORE_X2_CLK
DPLL_CORE
GMAC_SW
CPTS_RFT_CLK
Func
266
GMAC_RFT_CLK
PER_ABE_X1_GF
DPLL_ABE
CLK
VIDEO1_CLK
DPLL_VIDEO1
HDMI_CLK
DPLL_HDMI
CORE_X2_CLK
DPLL_CORE
MAIN_CLK
Int
125
GMAC_MAIN_CLK
GMAC_250M_CLK
DPLL_GMAC
MHZ_250_CLK
Func
250
GMII_250MHZ_CLK
GMII_250MHZ_CL
DPLL_GMAC
K
MHZ_5_CLK
Func
5
RGMII_5MHZ_CLK
GMAC_RMII_HS_C
DPLL_GMAC
LK
MHZ_50_CLK
Func
50
RMII_50MHZ_CLK
GMAC_RMII_HS_C
DPLL_GMAC
LK
RMII1_MHZ_50_CL
Func
50
RMII_50MHZ_CLK
GMAC_RMII_HS_C
DPLL_GMAC
K
LK
RMII2_MHZ_50_CL
Func
50
RMII_50MHZ_CLK
GMAC_RMII_HS_C
DPLL_GMAC
K
LK
GPIO1
GPIO1_ICLK
Int
38.4
WKUPAON_GICLK
SYS_CLK1
OSC1
DPLL_ABE_X2_CL
DPLL_ABE
K
GPIO1_DBCLK
Func
0.032
WKUPAON_SYS_GFC
WKUPAON_32K_G
OSC1
LK
FCLK
RTC Oscillator
GPIO2
GPIO2_ICLK
Int
266
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
GPIO2_DBCLK
Func
0.032
GPIO_GFCLK
FUNC_32K_CLK
OSC1
RTC Oscillator
148
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM5716 AM5718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com