Electronic Components Datasheet Search
  English  ▼

X  

AM5716 Datasheet(PDF) 144 Page - Texas Instruments

Click here to check the latest version.
Part # AM5716
Description  AM571x SitaraTM Processors
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5716 Datasheet(HTML) 144 Page - Texas Instruments

Back Button AM5716 Datasheet HTML 140Page - Texas Instruments AM5716 Datasheet HTML 141Page - Texas Instruments AM5716 Datasheet HTML 142Page - Texas Instruments AM5716 Datasheet HTML 143Page - Texas Instruments AM5716 Datasheet HTML 144Page - Texas Instruments AM5716 Datasheet HTML 145Page - Texas Instruments AM5716 Datasheet HTML 146Page - Texas Instruments AM5716 Datasheet HTML 147Page - Texas Instruments AM5716 Datasheet HTML 148Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 389 page
background image
AM5716, AM5718
SPRS919I – JUNE 2014 – REVISED OCTOBER 2015
www.ti.com
Table 5-4. Recommended Operating Conditions (continued)
PARAMETER
DESCRIPTION
MIN (2)
NOM
MAX DC (3)
MAX (2)
UNIT
vddshv9
Dual Voltage (1.8V or
1.8-V Mode
1.71
1.80
1.836
1.89
V
3.3V) power supply for the
3.3-V Mode
3.135
3.30
3.366
3.465
RGMII Power Group pins
Maximum noise (peak-
1.8-V Mode
50
mVPPmax
peak)
3.3-V Mode
vss
Ground supply
0
V
vssa_hdmi
DPLL_HDMI and HDMI PHY analog
0
V
ground
vssa_pcie
PCIe analog ground
0
V
vssa_usb
HS USB1 and HS USB2 analog ground
0
V
vssa_usb3
DPLL_USB and USB3.0 RX/TX analog
0
V
ground
vssa_csi
CSI Interface 0v Supply
0
V
vssa_sata
SATA TX ground
0
V
vssa_video
DPLL_VIDEO1 analog ground
0
V
vssa_osc0
OSC0 analog ground
0
V
vssa_osc1
OSC1 analog ground
0
V
TJ
(1)
Operating junction
Commercial
0
90
°C
temperature range
Extended
-40
105
Output Power Supply Voltage Range
ddr1_vref0
Reference Power Supply EMIF1
0.5*vdds_d
V
dr1
(1) Refer to Power on Hours table for limitations.
(2) The voltage at the device ball should never be below the MIN voltage or above the MAX voltage for any amount of time. This
requirement includes dynamic voltage events such as AC ripple, voltage transients, voltage dips, etc.
(3) The DC voltage at the device ball should never be above the MAX DC voltage to avoid impact on device reliability and lifetime POH
(Power-On-Hours). The MAX DC voltage is defined as the highest allowed DC regulated voltage, without transients, seen at the ball.
5.5
Operating Performance Points
This section describes the operating conditions of the device. This section also contains the description of
each OPP (operating performance point) for processor clocks and device core clocks.
CAUTION
The OPP voltage and frequency values may change following the silicon
characterization result.
Table 5-5 describes the maximum supported frequency per speed grade for AM571x devices.
Table 5-5. Speed Grade Maximum Frequency
DEVICE
MAXIMUM FREQUENCY (MHz)
SPEED
MPU
DSP
IVA
GPU
IPU
L3
DDR3/DDR3L
AM5718xxX
1500
750
532
532
212.8
266
667 (DDR3-1333)
AM5716xxX
1500
750
N/A(1)
N/A(1)
212.8
266
667 (DDR3-1333)
AM5716xxD
500(2)
500
N/A(1)
N/A(1)
212.8
266
533 (DDR3-1066)
144
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM5716 AM5718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com