Electronic Components Datasheet Search
  English  ▼

X  

AM5716 Datasheet(PDF) 146 Page - Texas Instruments

Click here to check the latest version.
Part # AM5716
Description  AM571x SitaraTM Processors
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5716 Datasheet(HTML) 146 Page - Texas Instruments

Back Button AM5716 Datasheet HTML 142Page - Texas Instruments AM5716 Datasheet HTML 143Page - Texas Instruments AM5716 Datasheet HTML 144Page - Texas Instruments AM5716 Datasheet HTML 145Page - Texas Instruments AM5716 Datasheet HTML 146Page - Texas Instruments AM5716 Datasheet HTML 147Page - Texas Instruments AM5716 Datasheet HTML 148Page - Texas Instruments AM5716 Datasheet HTML 149Page - Texas Instruments AM5716 Datasheet HTML 150Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 389 page
background image
AM5716, AM5718
SPRS919I – JUNE 2014 – REVISED OCTOBER 2015
www.ti.com
STD_FUSE_OPP Registers in the Control Module Section of the TRM. The power supply should be adjustable over the following ranges
for each required OPP:
–
OPP_NOM for MPU: 0.85 V – 1.10 V
–
OPP_NOM for CORE and Others: 0.85 V - 1.06 V
–
OPP_OD: 0.94 V - 1.15 V
–
OPP_HIGH: 1.05 V - 1.25 V
The AVS voltages will be within the above specified ranges.
(7) VD_RTC can optionally be tied to to VD_CORE and operate at the VD_CORE AVS voltages.
Table 5-8 describes the standard processor clocks speed characteristics vs OPP of the device.
Table 5-8. Supported OPP vs Max Frequency (2)
DESCRIPTION
OPP_NOM
OPP_OD
OPP_HIGH
Max Freq. (MHz)
Max Freq. (MHz)
Max Freq. (MHz)
VD_MPU
MPU_CLK
1000
1176
1500
VD_DSP
DSP_CLK
600
700
750
VD_IVA
IVA_GCLK
388.3
430
532
VD_GPU
GPU_CLK
425.6
500
532
VD_CORE
CORE_IPUx_CLK
212.8
N/A
N/A
L3_CLK
266
N/A
N/A
DDR3 / DDR3L
667 (DDR3-1333)
N/A
N/A
VD_RTC
RTC_FCLK
0.034
N/A
N/A
(1) N/A in this table stands for Not Applicable.
(2) Maximum supported frequency is limited according to the Device Speed Grade (see Table 5-5).
5.5.3
Maximum Supported Frequency
Device modules either receive their clock directly from an external clock input, directly from a PLL, or from
a PRCM. Table 5-9 lists the clock source options for each module on this device, along with the maximum
frequency that module can accept. To ensure proper module functionality, the device PLLs and dividers
must be programmed not to exceed the maximum frequencies listed in this table.
Table 5-9. Maximum Supported Frequency
MODULE
CLOCK SOURCES
PLL / OSC /
Clock
Max. Clock
PLL / OSC /
Instance Name
Input Clock Name
PRCM Clock Name
Source Clock
Type
Allowed (MHz)
Source Name
Name
AES1
AES1_L3_CLK
Int
266
L4SEC_L3_GICLK
CORE_X2_CLK
DPLL_CORE
AES2
AES2_L3_CLK
Int
266
L4SEC_L3_GICLK
CORE_X2_CLK
DPLL_CORE
BB2D
BB2D_FCLK
Func
354.6
BB2D_GFCLK
BB2D_GFCLK
DPLL_CORE
BB2D_ICLK
Int
266
DSS_L3_GICLK
CORE_X2_CLK
DPLL_CORE
COUNTER_32K
COUNTER_32K_F
Func
0.032
FUNC_32K_CLK
SYS_32K
RTC Oscillator
CLK
COUNTER_32K_IC
Int
38.4
WKUPAON_GICLK
SYS_CLK1
OSC1
LK
DPLL_ABE_X2_CL
DPLL_ABE
K
CTRL_MODULE_B
L3INSTR_TS_GCL
Int
4.8
L3INSTR_TS_GCLK
SYS_CLK1
OSC1
ANDGAP
K
DPLL_ABE_X2_CL
DPLL_ABE
K
146
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM5716 AM5718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com