Electronic Components Datasheet Search
  English  ▼

X  

AM5716 Datasheet(PDF) 210 Page - Texas Instruments

Click here to check the latest version.
Part # AM5716
Description  AM571x SitaraTM Processors
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5716 Datasheet(HTML) 210 Page - Texas Instruments

Back Button AM5716 Datasheet HTML 206Page - Texas Instruments AM5716 Datasheet HTML 207Page - Texas Instruments AM5716 Datasheet HTML 208Page - Texas Instruments AM5716 Datasheet HTML 209Page - Texas Instruments AM5716 Datasheet HTML 210Page - Texas Instruments AM5716 Datasheet HTML 211Page - Texas Instruments AM5716 Datasheet HTML 212Page - Texas Instruments AM5716 Datasheet HTML 213Page - Texas Instruments AM5716 Datasheet HTML 214Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 389 page
background image
AM5716, AM5718
SPRS919I – JUNE 2014 – REVISED OCTOBER 2015
www.ti.com
7.7
Display Subsystem – Video Output Ports
Three Display Parallel Interfaces (DPI) channels are available in DSS named DPI Video Output 1, DPI
Video Output 2 and DPI Video Output 3.
NOTE
The DPI Video Output i (i = 1 to 3) interface is also referred to as VOUTi.
Every VOUT interface consists of:
•
24-bit data bus (data[23:0])
•
Horizontal synchronization signal (HSYNC)
•
Vertical synchronization signal (VSYNC)
•
Data enable (DE)
•
Field ID (FID)
•
Pixel clock (CLK)
NOTE
For more information, see the Display Subsystem chapter of the Device TRM.
CAUTION
The I/O Timings provided in this section are valid only if signals within a single
IOSET are used. The IOSETs are defined in Table 7-15 and Table 7-16.
CAUTION
The I/O Timings provided in this section are valid only for some DSS usage
modes when the corresponding Virtual I/O Timings or Manual I/O Timings are
configured as described in the tables found in this section.
Table 7-13, Table 7-14 and Figure 7-6 assume testing over the recommended operating conditions and
electrical characteristic conditions.
Table 7-13. DPI Video Output i (i = 1..3) Default Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
D1
tc(clk)
Cycle time, output pixel clock vouti_clk
11.76
ns
D2
tw(clkL)
Pulse duration, output pixel clock vouti_clk low
P*0.5-1
ns
(1)
D3
tw(clkH)
Pulse duration, output pixel clock vouti_clk high
P*0.5-1
ns
(1)
D5
td(clk-ctlV)
Delay time, output pixel clock vouti_clk transition to
DPI1
-2.5
2.5
ns
output data vouti_d[23:0] valid
D6
td(clk-dV)
Delay time, output pixel clock vouti_clk transition to
DPI1
-2.5
2.5
ns
output control signals vouti_vsync, vouti_hsync, vouti_de,
and vouti_fld valid
D5
td(clk-ctlV)
Delay time, output pixel clock vouti_clk transition to
DPI2 (vin2a_fld0 clock
-2.5
2.5
ns
output data vouti_d[23:0] valid
reference)
D6
td(clk-dV)
Delay time, output pixel clock vouti_clk transition to
DPI2 (vin2a_fld0 clock
-2.5
2.5
ns
output control signals vouti_vsync, vouti_hsync, vouti_de,
reference)
and vouti_fld valid
210
Timing Requirements and Switching Characteristics
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM5716 AM5718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com