| Electronic Components Datasheet Search |
|
AM5716 Datasheet(PDF) 211 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5716 Datasheet(HTML) 211 Page - Texas Instruments |
|
211 / 389 page ![]() AM5716, AM5718 www.ti.com SPRS919I – JUNE 2014 – REVISED OCTOBER 2015 Table 7-13. DPI Video Output i (i = 1..3) Default Switching Characteristics (continued) NO. PARAMETER DESCRIPTION MODE MIN MAX UNIT D5 td(clk-ctlV) Delay time, output pixel clock vouti_clk transition to DPI2 (xref_clk2 clock -2.5 2.5 ns output data vouti_d[23:0] valid reference) D6 td(clk-dV) Delay time, output pixel clock vouti_clk transition to DPI2 (xref_clk2 clock -2.5 2.5 ns output control signals vouti_vsync, vouti_hsync, vouti_de, reference) and vouti_fld valid D5 td(clk-ctlV) Delay time, output pixel clock vouti_clk transition to DPI3 -2.5 2.5 ns output data vouti_d[23:0] valid D6 td(clk-dV) Delay time, output pixel clock vouti_clk transition to DPI3 -2.5 2.5 ns output control signals vouti_vsync, vouti_hsync, vouti_de, and vouti_fld valid (1) P = output vouti_clk period in ns. Table 7-14. DPI Video Output i (i = 1..3) Alternate Switching Characteristics NO. PARAMETER DESCRIPTION MODE MIN MAX UNIT D1 tc(clk) Cycle time, output pixel clock vouti_clk 6.06 ns D2 tw(clkL) Pulse duration, output pixel clock vouti_clk low P*0.5-1 ns (1) D3 tw(clkH) Pulse duration, output pixel clock vouti_clk high P*0.5-1 ns (1) D5 td(clk-ctlV) Delay time, output pixel clock vouti_clk transition to DPI1 1.51 4.55 ns output data vouti_d[23:0] valid D6 td(clk-dV) Delay time, output pixel clock vouti_clk transition to DPI1 1.51 4.55 ns output control signals vouti_vsync, vouti_hsync, vouti_de, and vouti_fld valid D5 td(clk-ctlV) Delay time, output pixel clock vouti_clk transition to DPI2 (vin2a_fld0 clock 1.51 4.55 ns output data vouti_d[23:0] valid reference) D6 td(clk-dV) Delay time, output pixel clock vouti_clk transition to DPI2 (vin2a_fld0 clock 1.51 4.55 ns output control signals vouti_vsync, vouti_hsync, vouti_de, reference) and vouti_fld valid D5 td(clk-ctlV) Delay time, output pixel clock vouti_clk transition to DPI2 (xref_clk2 clock 1.51 4.55 ns output data vouti_d[23:0] valid reference) D6 td(clk-dV) Delay time, output pixel clock vouti_clk transition to DPI2 (xref_clk2 clock 1.51 4.55 ns output control signals vouti_vsync, vouti_hsync, vouti_de, reference) and vouti_fld valid D5 td(clk-ctlV) Delay time, output pixel clock vouti_clk transition to DPI3 1.51 4.55 ns output data vouti_d[23:0] valid D6 td(clk-dV) Delay time, output pixel clock vouti_clk transition to DPI3 1.51 4.55 ns output control signals vouti_vsync, vouti_hsync, vouti_de, and vouti_fld valid Copyright © 2014–2015, Texas Instruments Incorporated Timing Requirements and Switching Characteristics 211 Submit Documentation Feedback Product Folder Links: AM5716 AM5718 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |