Electronic Components Datasheet Search
  English  ▼

X  

AM5716 Datasheet(PDF) 212 Page - Texas Instruments

Click here to check the latest version.
Part # AM5716
Description  AM571x SitaraTM Processors
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5716 Datasheet(HTML) 212 Page - Texas Instruments

Back Button AM5716 Datasheet HTML 208Page - Texas Instruments AM5716 Datasheet HTML 209Page - Texas Instruments AM5716 Datasheet HTML 210Page - Texas Instruments AM5716 Datasheet HTML 211Page - Texas Instruments AM5716 Datasheet HTML 212Page - Texas Instruments AM5716 Datasheet HTML 213Page - Texas Instruments AM5716 Datasheet HTML 214Page - Texas Instruments AM5716 Datasheet HTML 215Page - Texas Instruments AM5716 Datasheet HTML 216Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 389 page
background image
vouti_clk
vouti_vsync
vouti_hsync
vouti_d[23:0]
vouti_de
vouti_fld
data_1
data_2
data_n
odd
even
D1
D2
D3
D6
D6
D5
D6
D6
SPRS906_TIMING_DSS_01
D4
AM5716, AM5718
SPRS919I – JUNE 2014 – REVISED OCTOBER 2015
www.ti.com
(1) P = output vouti_clk period in ns.
Figure 7-6. DPI Video Output(1)(2)(3)
(1) The configuration of assertion of the data can be programmed on the falling or rising edge of the pixel clock.
(2) The polarity and the pulse width of vouti_hsync and vouti_vsync are programmable, refer to the DSS section of the device TRM.
(3) The vouti_clk frequency can be configured, refer to the DSS section of the device TRM.
In Table 7-15 are presented the specific groupings of signals (IOSET) for use with VOUT2.
Table 7-15. VOUT2 IOSETs
SIGNALS
IOSET1
IOSET2
BALL
MUX
BALL
MUX
vout2_d23
F2
4
AA4
6
vout2_d22
F3
4
AB3
6
vout2_d21
D1
4
AB9
6
vout2_d20
E2
4
AA3
6
vout2_d19
D2
4
D17
6
vout2_d18
F4
4
G16
6
vout2_d17
C1
4
A21
6
vout2_d16
E4
4
C18
6
vout2_d15
F5
4
A17
6
vout2_d14
E6
4
B17
6
vout2_d13
D3
4
B16
6
vout2_d12
F6
4
D15
6
vout2_d11
D5
4
A15
6
vout2_d10
C2
4
B15
6
vout2_d9
C3
4
A20
6
212
Timing Requirements and Switching Characteristics
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM5716 AM5718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com