Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  AM572x SitaraTM Processors
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5728 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 2Page - Texas Instruments AM5728 Datasheet HTML 3Page - Texas Instruments AM5728 Datasheet HTML 4Page - Texas Instruments AM5728 Datasheet HTML 5Page - Texas Instruments AM5728 Datasheet HTML 6Page - Texas Instruments AM5728 Datasheet HTML 7Page - Texas Instruments AM5728 Datasheet HTML 8Page - Texas Instruments AM5728 Datasheet HTML 9Page - Texas Instruments AM5728 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 415 page
background image
AM5728, AM5726
SPRS915O – MARCH 2014 – REVISED OCTOBER 2015
www.ti.com
3
Device Comparison
3.1
Device Comparison Table
Table 3-1 shows a comparison between devices, highlighting the differences.
Table 3-1. Device Comparison
Features
Device
AM5728
AM5726
Processors/ Accelerators
Speed Grades
See Table 5-5
ARM Dual Cortex-A15 Microprocessor Subsystem (MPU)
MPU core 0
Yes
Yes
MPU core 1
Yes
Yes
C66x VLIW DSP
DSP1
Yes
Yes
DSP2
Yes
Yes
BitBLT 2D Hardware Acceleration Engine (BB2D)
BB2D
Yes
No
Display Subsystem
VOUT1
Yes
No
VOUT2
Yes
No
VOUT3
Yes
No
HDMI
Yes
No
Embedded Vision Engine (EVE)
EVE1
No
No
EVE2
No
No
ARM Dual Cortex-M4 Image Processing Unit (IPU)
IPU1
Yes
Yes
IPU2 (2)
Yes
Yes
Image Video Accelarator (IVA)
IVA
Yes
No
SGX544 Dual-Core 3D Graphics Processing Unit (GPU)
GPU
Yes
No
Video Input Port (VIP)
VIP1
vin1a
Yes
Yes
vin1b
Yes
Yes
vin2a
Yes
Yes
vin2b
Yes
Yes
VIP2
vin3a
Yes
Yes
vin3b
Yes
Yes
vin4a
Yes
Yes
vin4b
Yes
Yes
VIP3
vin5a
Yes
Yes
vin6a
Yes
Yes
Video Processing Engine (VPE)
VPE
Yes
Yes
Program/Data Storage
On-Chip Shared Memory (RAM)
OCMC_RAM
2.5MB
2.5MB
General-Purpose Memory Controller (GPMC)
GPMC
Yes
Yes
DDR3 Memory Controller (1)
EMIF1
up to 2GB (with
up to 2GB (with
optional SECDED)
optional SECDED)
EMIF2
up to 2GB
up to 2GB
Dynamic Memory Manager (DMM)
DMM
Yes
Yes
Radio Support
Audio Tracking Logic (ATL)
ATL
No
No
Viterbi Coprocessor (VCP)
VCP1
No
No
VCP2
No
No
Peripherals
Dual Controller Area Network Interface (DCAN)
DCAN1
Yes
Yes
DCAN2
Yes
Yes
6
Device Comparison
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM5728 AM5726



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com