Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  AM572x SitaraTM Processors
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5728 Datasheet(HTML) 91 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 87Page - Texas Instruments AM5728 Datasheet HTML 88Page - Texas Instruments AM5728 Datasheet HTML 89Page - Texas Instruments AM5728 Datasheet HTML 90Page - Texas Instruments AM5728 Datasheet HTML 91Page - Texas Instruments AM5728 Datasheet HTML 92Page - Texas Instruments AM5728 Datasheet HTML 93Page - Texas Instruments AM5728 Datasheet HTML 94Page - Texas Instruments AM5728 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 415 page
background image
AM5728, AM5726
www.ti.com
SPRS915O – MARCH 2014 – REVISED OCTOBER 2015
NOTE
For more information, see the Control Module / Control Module Functional Description / PAD Functional Multiplexing and Configuration
section of the Device TRM.
NOTE
Configuring two pins to the same input signal is not supported as it can yield unexpected results. This can be easily prevented with the
proper software configuration (Hi-Z mode is not an input signal).
NOTE
When a pad is set into a multiplexing mode which is not defined by pin multiplexing, that pad’s behavior is undefined. This should be
avoided.
CAUTION
The I/O timings provided in Section 7 Timing Requirements and Switching Characteristics are valid only if signals within
a single IOSET are used. The IOSETs are defined in the corresponding tables.
Table 4-3. Multiplexing Characteristics
MUXMODE FIELD SETTINGS (CTRL_CORE_PAD_*[3:0])
BALL
ADDRESS
REGISTER NAME
NUMBER
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
P25
ddr2_a6
Y23
ddr1_d26
Y19
ddr1_d21
AE15
xi_osc0
AH24
ddr1_nck
AG15
ljcb_clkp
AF24
ddr1_d4
U25
ddr2_wen
F27
ddr2_d5
V25
ddr1_ecc_d
6
M27
ddr2_dqsn3
G26
ddr2_d12
AG19
hdmi1_data
2x
Copyright © 2014–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
91
Submit Documentation Feedback
Product Folder Links: AM5728 AM5726



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com