Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 90 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  AM572x SitaraTM Processors
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5728 Datasheet(HTML) 90 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 86Page - Texas Instruments AM5728 Datasheet HTML 87Page - Texas Instruments AM5728 Datasheet HTML 88Page - Texas Instruments AM5728 Datasheet HTML 89Page - Texas Instruments AM5728 Datasheet HTML 90Page - Texas Instruments AM5728 Datasheet HTML 91Page - Texas Instruments AM5728 Datasheet HTML 92Page - Texas Instruments AM5728 Datasheet HTML 93Page - Texas Instruments AM5728 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 415 page
background image
AM5728, AM5726
SPRS915O – MARCH 2014 – REVISED OCTOBER 2015
www.ti.com
Table 4-2. Ball Characteristics (continued)
BALL
BALL
BALL
RESET
I/O
PULL
MUXMODE
RESET
POWER
BUFFER
BALL NUMBER [1]
BALL NAME [2]
SIGNAL NAME [3]
28/26 [4]
TYPE [6]
RESET
REL.
VOLTAGE
HYS [12]
UP/DOWN
DSIS [15]
[5]
REL.
[11]
TYPE [13]
STATE [7]
MUXMODE VALUE [10]
TYPE [14]
STATE [8]
[9]
C23
xref_clk3
xref_clk3
0
I
PD
PD
15
1.8/3.3
vddshv3
Yes
Dual
PU/PD
Voltage
mcasp2_axr11
1
IO
0
LVCMOS
mcasp1_axr7
2
IO
0
mcasp4_ahclkx
3
O
mcasp8_ahclkx
4
O
vout2_de
Yes / No
6
O
hdq0
7
IO
1
vin4a_de0
8
I
0
clkout3
9
O
timer16
10
IO
gpio6_20
14
IO
Driver off
15
I
1. NA in this table stands for Not Applicable.
2. For more information on recommended operating conditions, see Table 5-4, Recommended Operating Conditions.
3. The pullup or pulldown block strength is equal to: minimum = 50
μA, typical = 100 μA, maximum = 250 μA.
4. The output impedance settings of this IO cell are programmable; by default, the value is DS[1:0] = 10, this means 40
Ω. For more information
on DS[1:0] register configuration, see the Device TRM.
5. IO drive strength for usb1_dp, usb1_dm, usb2_dp and usb2_dm: minimum 18.3 mA, maximum 89 mA (for a power supply vdda33v_usb1 and
vdda33v_usb2 = 3.46 V).
6. Minimum PU = 900
Ω, maximum PU = 3.090 kΩ and minimum PD = 14.25 kΩ, maximum PD = 24.8 kΩ.
For more information, see chapter 7 of the USB2.0 specification, in particular section Signaling / Device Speed Identification.
7. In PUx / PDy, x and y = 60 to 200
μA.
The output impedance settings (or drive strengths) of this IO are programmable (34
Ω, 40 Ω, 48 Ω, 60 Ω, 80 Ω) depending on the values of the
I[2:0] registers.
4.3
Multiplexing Characteristics
Table 4-3 describes the device multiplexing (no characteristics are available in this table).
NOTE
This table doesn't take into account subsystem multiplexing signals. Subsystem multiplexing signals are described in Section 4.4, Signal
Descriptions.
90
Terminal Configuration and Functions
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM5728 AM5726



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com