Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  AM572x SitaraTM Processors
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5728 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 3Page - Texas Instruments AM5728 Datasheet HTML 4Page - Texas Instruments AM5728 Datasheet HTML 5Page - Texas Instruments AM5728 Datasheet HTML 6Page - Texas Instruments AM5728 Datasheet HTML 7Page - Texas Instruments AM5728 Datasheet HTML 8Page - Texas Instruments AM5728 Datasheet HTML 9Page - Texas Instruments AM5728 Datasheet HTML 10Page - Texas Instruments AM5728 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 415 page
background image
AM5728, AM5726
www.ti.com
SPRS915O – MARCH 2014 – REVISED OCTOBER 2015
Table 3-1. Device Comparison (continued)
Features
Device
AM5728
AM5726
Enhanced DMA (EDMA)
EDMA
Yes
Yes
System DMA (DMA_SYSTEM)
DMA_SYSTEM
Yes
Yes
Ethernet Subsystem (Ethernet SS)
GMAC_SW[0]
MII, RMII, or RGMII
MII, RMII, or RGMII
GMAC_SW[1]
MII, RMII, or RGMII
MII, RMII, or RGMII
General-Purpose I/O (GPIO)
GPIO
up to 247
up to 247
Inter-Integrated Circuit Interface (I2C)
I2C
5
5
System Mailbox Module
MAILBOX
13
13
Media Local Bus Subsystem (MLB) (3)
MLB
No
No
Multichannel Audio Serial Port (McASP)
McASP1
16 serializers
16 serializers
McASP2
16 serializers
16 serializers
McASP3
4 serializers
4 serializers
McASP4
4 serializers
4 serializers
McASP5
4 serializers
4 serializers
McASP6
4 serializers
4 serializers
McASP7
4 serializers
4 serializers
McASP8
4 serializers
4 serializers
MultiMedia Card/Secure Digital/Secure Digital Input Output
MMC1
1x UHSI 4b
1x UHSI 4b
Interface (MMC/SD/SDIO)
MMC2
1x eMMC 8b
1x eMMC 8b
MMC3
1x SDIO 8b
1x SDIO 8b
MMC4
1x SDIO 4b
1x SDIO 4b
PCI-Express 2.0 Port with Integrated PHY
PCIe_SS1
Yes
Yes
PCIe_SS2
Yes
Yes
2x Programmable Real-Time Unit Subsystem and Industrial
PRU-ICSS1
Yes
Yes
Communication Subsystem (PRU-ICSS)
PRU-ICSS2
Yes
Yes
Serial Advanced Technology Attachment (SATA)
SATA
Yes
Yes
Real-Time Clock Subsystem (RTCSS)
RTCSS(4)
Yes
Yes
Multichannel Serial Peripheral Interface (McSPI)
McSPI
4
4
HDQ / 1-Wire (HDQ1W)
HDQ1W
Yes
Yes
Quad SPI (QSPI)
QSPI
Yes
Yes
Spinlock Module
SPINLOCK
Yes
Yes
Keyboard Controller (KBD)
KBD
Yes
Yes
Timers, General-Purpose
TIMER
16
16
Timer, Watchdog
WATCHDOG TIMER
Yes
Yes
Pulse-Width Modulation Subsystem (PWMSS)
PWMSS1
Yes
Yes
PWMSS2
Yes
Yes
PWMSS3
Yes
Yes
Universal Asynchronous Receiver/Transmitter (UART)
UART
10
10
Universal Serial Bus (USB3.0)
USB1 (SuperSpeed,
Yes
Yes
Dual-Role-Device
[DRD])
Universal Serial Bus (USB2.0)
USB2 (High-Speed,
Yes
Yes
Dual-Role-Device
[DRD], with embedded
HS PHY)
USB3 (High-Speed,
No
No
OTG2.0, with ULPI)
USB4 (High-Speed,
No
No
OTG2.0, with ULPI)
Copyright © 2014–2015, Texas Instruments Incorporated
Device Comparison
7
Submit Documentation Feedback
Product Folder Links: AM5728 AM5726



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com