Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 110 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  AM572x SitaraTM Processors
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5728 Datasheet(HTML) 110 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 106Page - Texas Instruments AM5728 Datasheet HTML 107Page - Texas Instruments AM5728 Datasheet HTML 108Page - Texas Instruments AM5728 Datasheet HTML 109Page - Texas Instruments AM5728 Datasheet HTML 110Page - Texas Instruments AM5728 Datasheet HTML 111Page - Texas Instruments AM5728 Datasheet HTML 112Page - Texas Instruments AM5728 Datasheet HTML 113Page - Texas Instruments AM5728 Datasheet HTML 114Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 415 page
background image
AM5728, AM5726
SPRS915O – MARCH 2014 – REVISED OCTOBER 2015
www.ti.com
4.4
Signal Descriptions
Many signals are available on multiple pins, according to the software configuration of the pin multiplexing
options.
Texas Instruments has developed an application called Pin Mux Utility that helps a system designer select
the appropriate pin-multiplexing configuration for their device-based product design. The Pin Mux Utility
provides a way to select valid IO Sets of specific peripheral interfaces to ensure the pinmultiplexing
configuration selected for a design only uses valid IO Sets supported by the device.
1. SIGNAL NAME: The name of the signal passing through the pin.
NOTE
The subsystem multiplexing signals are not described in Table 4-2 and Table 4-3.
2. DESCRIPTION: Description of the signal
3. TYPE: Signal direction and type:
–
I = Input
–
O = Output
–
IO = Input or output
–
D = Open Drain
–
DS = Differential
–
A = Analog
–
PWR = Power
–
GND = Ground
4. BALL: Associated ball(s) bottom
NOTE
For more information, see the Control Module / Control Module Register Manual section of
the device TRM.
4.4.1
Video Input Port (VIP)
CAUTION
The I/O timings provided in Section 7 Timing Requirements and Switching
Characteristics are applicable for all combinations of signals for vin1, vin5 and
vin6. However, the timings are valid only for vin2, vin3, and vin4 if signals within
a single IOSET are used. The IOSETs are defined in the Table 7-4.
NOTE
For more information, see the Video Input Port (VIP) section of the device TRM.
Table 4-4. VIP Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Video Input 1
vin1a_clk0
Video Input 1 Port A Clock input. Input clock for 8-bit 16-bit or 24-bit Port A video
I
AG8
capture. Input data is sampled on the CLK0 edge.
vin1a_de0
Video Input 1 Data Enable input
I
AD9
vin1a_fld0
Video Input 1 Port A Field ID input
I
AF9
110
Terminal Configuration and Functions
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM5728 AM5726



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com