| Electronic Components Datasheet Search |
|
AM5728 Datasheet(PDF) 136 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5728 Datasheet(HTML) 136 Page - Texas Instruments |
|
136 / 415 page ![]() AM5728, AM5726 SPRS915O – MARCH 2014 – REVISED OCTOBER 2015 www.ti.com Table 4-22. eMMC/SD/SDIO Signal Descriptions (continued) SIGNAL NAME DESCRIPTION TYPE BALL mmc4_dat2 MMC4 data bit 2 I/O D27 mmc4_dat3 MMC4 data bit 3 I/O C28 (1) By default, this clock signal is implemented as 'pad loopback' inside the device - the output signal is looped back through the input buffer to serve as the internal reference signal. mmc1_clk and mmc2_clk have an optional software programmable setting to use an 'internal loopback clock' instead of the default 'pad loopback clock'. If the 'pad loopback clock' is used, series termination is recommended (as close to device pin as possible) to improve signal integrity of the clock input. Any nonmonotonicity in voltage that occurs at the pad loopback clock pin between VIH and VIL must be less than VHYS. 4.4.20 General-Purpose Interface (GPIO) NOTE For more information, see the General-Purpose Interface section of the device TRM. Table 4-23. GPIOs Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL GPIO 1 gpio1_0 General-Purpose Input I AD17 gpio1_1 General-Purpose Input I AC17 gpio1_2 General-Purpose Input I AB16 gpio1_3 General-Purpose Input I AC16 gpio1_4 General-Purpose Input/Output (I/O) I/O D15 gpio1_5 General-Purpose Input/Output (I/O) I/O A17 gpio1_6 General-Purpose Input/Output (I/O) I/O M6 gpio1_7 General-Purpose Input/Output (I/O) I/O M2 gpio1_8 General-Purpose Input/Output (I/O) I/O L5 gpio1_9 General-Purpose Input/Output (I/O) I/O M1 gpio1_10 General-Purpose Input/Output (I/O) I/O L6 gpio1_11 General-Purpose Input/Output (I/O) I/O L4 gpio1_12 General-Purpose Input/Output (I/O) I/O L3 gpio1_13 General-Purpose Input/Output (I/O) I/O L2 gpio1_14 General-Purpose Input/Output (I/O) I/O G20 gpio1_15 General-Purpose Input/Output (I/O) I/O G19 gpio1_16 General-Purpose Input/Output (I/O) I/O D27 gpio1_17 General-Purpose Input/Output (I/O) I/O C28 gpio1_18 General-Purpose Input/Output (I/O) I/O H1 gpio1_19 General-Purpose Input/Output (I/O) I/O J3 gpio1_20 General-Purpose Input/Output (I/O) I/O H2 gpio1_21 General-Purpose Input/Output (I/O) I/O H3 gpio1_22 General-Purpose Input/Output (I/O) I/O AC8 gpio1_23 General-Purpose Input/Output (I/O) I/O AD6 gpio1_24 General-Purpose Input/Output (I/O) I/O AB8 gpio1_25 General-Purpose Input/Output (I/O) I/O AB5 gpio1_26 General-Purpose Input/Output (I/O) I/O P6 gpio1_27 General-Purpose Input/Output (I/O) I/O R9 gpio1_28 General-Purpose Input/Output (I/O) I/O R5 gpio1_29 General-Purpose Input/Output (I/O) I/O P5 gpio1_30 General-Purpose Input/Output (I/O) I/O N7 gpio1_31 General-Purpose Input/Output (I/O) I/O R4 136 Terminal Configuration and Functions Copyright © 2014–2015, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: AM5728 AM5726 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |