Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 191 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM385 Datasheet(HTML) 191 Page - Texas Instruments

Back Button DM385 Datasheet HTML 187Page - Texas Instruments DM385 Datasheet HTML 188Page - Texas Instruments DM385 Datasheet HTML 189Page - Texas Instruments DM385 Datasheet HTML 190Page - Texas Instruments DM385 Datasheet HTML 191Page - Texas Instruments DM385 Datasheet HTML 192Page - Texas Instruments DM385 Datasheet HTML 193Page - Texas Instruments DM385 Datasheet HTML 194Page - Texas Instruments DM385 Datasheet HTML 195Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 281 page
background image
GPMC_CLK
GPMC_CS[x]
GPMC_A[10:1]
GPMC_
_CLE
BE0
GPMC_BE1
GPMC_
_ALE
ADV
GPMC_OE
GPMC_D[15:0]
GPMC_WAIT[x]
Valid Address
2
6
10
4
1
1
GPMC_FCLK
Data In 0
11
11
13
5
14
Data In 0
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
Table 8-30. Switching Characteristics Over Recommended Operating Conditions for GPMC and NOR
Flash Interface - Asynchronous Mode (continued)
(see Figure 8-27, Figure 8-28, Figure 8-29, Figure 8-30 for Non-Multiplexed Modes)
(see Figure 8-31, Figure 8-32 for Multiplexed Modes)
OPP100/OPP120/Turb
NO
o/Nitro
PARAMETER
UNIT
.
MIN
MAX
28
td(nCSV-nWEIV)
Delay time, GPMC_CS[x] valid to GPMC_WE invalid
F - 0.2(12)
F + 2.0(12)
ns
29
td(nWEV-DV)
Delay time, GPMC_WE valid to GPMC_D[15:0] data bus valid
2.0
ns
30
td(DV-nCSV)
Delay time, GPMC_D[15:0] data bus valid to GPMC_CS[x] valid
J - 0.2(5)
J + 2.0(5)
ns
37
td(ADVV-AIV)
Delay time, GPMC_ADV_ALE valid to GPMC_D[15:0] address invalid
2.0
ns
Delay time, GPMC_OE_RE valid to GPMC_D[15:0] address/data busses phase
38
td(nOEV-AIV)
2.0
ns
end
39
td(AIV-ADVV)
Delay time, GPMC_D[15:0] address valid to GPMC_ADV_ALE invalid
2.0
ns
(12) = F - nCS Max Delay + nWE Min Delay
F = ((WEOffTime - CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (WEExtraDelay - CSExtraDelay)) * GPMC_FCLK
Figure 8-27. GPMC/Non-Multiplexed NOR Flash - Asynchronous Read - Single Word Timing
Copyright © 2013, Texas Instruments Incorporated
Peripheral Information and Timings
191
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com