Electronic Components Datasheet Search
  English  ▼

X  

MIC2182 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2182
Description  High-Efficiency Synchronous Buck Controller Final Information
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2182 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2182 Datasheet HTML 4Page - Micrel Semiconductor MIC2182 Datasheet HTML 5Page - Micrel Semiconductor MIC2182 Datasheet HTML 6Page - Micrel Semiconductor MIC2182 Datasheet HTML 7Page - Micrel Semiconductor MIC2182 Datasheet HTML 8Page - Micrel Semiconductor MIC2182 Datasheet HTML 9Page - Micrel Semiconductor MIC2182 Datasheet HTML 10Page - Micrel Semiconductor MIC2182 Datasheet HTML 11Page - Micrel Semiconductor MIC2182 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
MIC2182
Micrel
MIC2182
8
June 2000
Block Diagrams
SGND
Gm = 0.2×10
-3
Low
Comp
Current
Limit
Skip-Mode
Current
Limit
PWM Mode
to Skip
Mode
Hysteresis
Comp
0.07V
–2%VBG
Error
Amp
Control
Logic
VIN
VDD
PWM
CORRECTIVE
RAMP
RESET
Reference
Oscillator
0.024V
EN/UVLO
6
11
14
10
16
15
13
12
8
9
7
4
1
2
5
3
SS
PWM
SYNC
COMP
100k
MIC2182 [adj.]
FB
R2
R1
VOUT
CSH
VDD
VBST
CIN
VIN
HSD
Q2
Q1
D1
D2
CBST
COUT
VIN
VOUT
L1
VSW
LSD
PGND
CCOMP
RCOMP
4.7
µF
AV = 2
V
1.245V
R1
R2
OUT =+


1
V6 V
OUT(max) =
.0
Current
Sense
Amp
RCS
Figure 2a. Adjustable Output Voltage Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com