Electronic Components Datasheet Search
  English  ▼

X  

MIC2182 Datasheet(PDF) 26 Page - Micrel Semiconductor

Part # MIC2182
Description  High-Efficiency Synchronous Buck Controller Final Information
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2182 Datasheet(HTML) 26 Page - Micrel Semiconductor

Back Button MIC2182 Datasheet HTML 20Page - Micrel Semiconductor MIC2182 Datasheet HTML 21Page - Micrel Semiconductor MIC2182 Datasheet HTML 22Page - Micrel Semiconductor MIC2182 Datasheet HTML 23Page - Micrel Semiconductor MIC2182 Datasheet HTML 24Page - Micrel Semiconductor MIC2182 Datasheet HTML 25Page - Micrel Semiconductor MIC2182 Datasheet HTML 26Page - Micrel Semiconductor MIC2182 Datasheet HTML 27Page - Micrel Semiconductor MIC2182 Datasheet HTML 28Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
MIC2182
Micrel
MIC2182
26
June 2000
Package Information
45
°
0
°–8°
0.244 (6.20)
0.228 (5.79)
0.394 (10.00)
0.386 (9.80)
SEATING
PLANE
0.020 (0.51)
REF
0.020 (0.51)
0.013 (0.33)
0.157 (3.99)
0.150 (3.81)
0.050 (1.27)
0.016 (0.40)
0.0648 (1.646)
0.0434 (1.102)
0.050 (1.27)
BSC
PIN 1
DIMENSIONS:
INCHES (MM)
0.0098 (0.249)
0.0040 (0.102)
16-pin SOP (M)
2.00 (0.079)
1.73 (0.068)
0.21 (0.008)
0.05 (0.002)
COPLANARITY:
0.10 (0.004) MAX
1.25 (0.049) REF
0.65 (0.0260)
BSC
0.875
(0.034) REF
10
°
4
°
0
°
–8
°
5.40 (0.213)
5.20 (0.205)
7.90 (0.311)
7.65 (0.301)
6.33 (0.239)
6.07 (0.249)
0.38 (0.015)
0.25 (0.010)
0.22 (0.009)
0.13 (0.005)
0.95 (0.037)
0.55 (0.022)
DIMENSIONS:
MM (INCH)
16-Pin SSOP (SM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com