Electronic Components Datasheet Search
  English  ▼

X  

MIC2182 Datasheet(PDF) 17 Page - Micrel Semiconductor

Part # MIC2182
Description  High-Efficiency Synchronous Buck Controller Final Information
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2182 Datasheet(HTML) 17 Page - Micrel Semiconductor

Back Button MIC2182 Datasheet HTML 13Page - Micrel Semiconductor MIC2182 Datasheet HTML 14Page - Micrel Semiconductor MIC2182 Datasheet HTML 15Page - Micrel Semiconductor MIC2182 Datasheet HTML 16Page - Micrel Semiconductor MIC2182 Datasheet HTML 17Page - Micrel Semiconductor MIC2182 Datasheet HTML 18Page - Micrel Semiconductor MIC2182 Datasheet HTML 19Page - Micrel Semiconductor MIC2182 Datasheet HTML 20Page - Micrel Semiconductor MIC2182 Datasheet HTML 21Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
June 2000
17
MIC2182
MIC2182
Micrel
charge can be a significant source of power dissipation in the
MIC2182. At low output load this power dissipation is notice-
able as a reduction in efficiency. The average current re-
quired to drive the high-side MOSFET is:
IQ
f
G[high-side](avg)
G
S
=×
where:
I
G[high-side](avg) =
average high-side MOSFET gate current
Q
G = total gate charge for the high-side MOSFET
taken from manufacturer’s data sheet
with V
GS = 5V.
The low-side MOSFET is turned on and off at V
DS = 0
because the freewheeling diode is conducting during this
time. The switching losses for the low-side MOSFET is
usually negligable. Also, the gate drive current for the low-
side MOSFET is more accurately calculated using C
ISS at
V
DS = 0 instead of gate charge.
For the low-side MOSFET:
IC
V
f
G[low-side](avg)
ISS
GS
S
=×
×
Since the current from the gate drive comes from the input
voltage, the power dissipated in the MIC2182 due to gate
drive is:
PV
I
I
gate drive
IN G[high-side](avg)
G[low-side](avg)
=+
()
A convenient figure of merit for switching MOSFETs is the on-
resistance times the total gate charge (R
DS(on) × QG). Lower
numbers translate into higher efficiency. Low gate-charge
logic-level MOSFETs are a good choice for use with the
MIC2182. Power dissipation in the MIC2182 package limits
the maximum gate drive current. Refer to Figure 10 for the
MIC2182 gate drive limits.
Parameters that are important to MOSFET switch selection
are:
• Voltage rating
• On-resistance
• Total gate charge
The voltage rating of the MOSFETs are essentially equal to
the input voltage. A safety factor of 20% should be added to
the V
DS(max) of the MOSFETs to account for voltage spikes
due to circuit parasitics.
The power dissipated in the switching transistor is the sum of
the conduction losses during the on-time (P
conduction) and the
switching losses that occur during the period of time when the
MOSFETs turn on and off (P
AC).
PP
P
SW
conduction
AC
=+
where:
P
I
(rms)
R
conduction
SW
2
SW
=×
PP
P
AC
AC(off)
AC(on)
=+
R
SW = on-resistance of the MOSFET switch.
Making the assumption the turn-on and turnoff transition
times are equal, the transition time can be approximated by:
t
CV
C
V
I
T
ISS
GS
OSS
IN
G
=
×+
×
where:
C
ISS and COSS are measured at VDS = 0.
I
G = gate drive current (1A for the MIC2182)
The total high-side MOSFET switching loss is:
P(V
V ) I
t
f
AC
IN
D
PK
T
S
=+
×
×
×
where:
t
T = switching transition time
(typically 20ns to 50ns)
V
D = freewheeling diode drop, typically 0.5V.
f
S it the switching frequency, nominally 300kHz
The low-side MOSFET switching losses are negligible and
can be ignored for these calculations.
RMS Current and MOSFET Power Dissipation Calculation
Under normal operation, the high-side MOSFET’s RMS
current is greatest when V
IN is low (maximum duty cycle). The
low-side MOSFET’s RMS current is greatest when V
IN is high
(minimum duty cycle). However, the maximum stress the
MOSFETs see occurs during short circuit conditions, where
the output current is equal to I
overcurrent(max). (See the Sense
Resistor section). The calculations below are for normal
operation. To calculate the stress under short circuit condi-
tions, substitute I
overcurrent(max) for IOUT(max). Use the formula
below to calculate D under short circuit conditions.
D
0.063 1.8 10
V
short circuit
3
IN
=−
×
×
−
The RMS value of the high-side switch current is:
I
(rms)
D
I
I
12
SW(highside)
OUT(max)
2
PP
2
=×
+
I
(rms)
1 D I
I
12
SW(low side)
OUT(max)
2
PP
2
=−
()
+
where:
D = duty cycle of the converter
D
V
V
OUT
IN
=
×
η
η = efficiency of the converter.
Converter efficiency depends on component parameters,
which have not yet been selected. For design purposes, an
efficiency of 90% can be used for V
IN less than 10V and 85%
can be used for V
IN greater than 10V. The efficiency can be
more accurately calculated once the design is complete. If the
assumed efficiency is grossly inaccurate, a second iteration
through the design procedure can be made.
For the high-side switch, the maximum dc power dissipation
is:
P
R
I
(rms)
switch1(dc)
DS(on)1
SW1
2
=×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com