Electronic Components Datasheet Search
  English  ▼

X  

MIC2182 Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MIC2182
Description  High-Efficiency Synchronous Buck Controller Final Information
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2182 Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MIC2182 Datasheet HTML 11Page - Micrel Semiconductor MIC2182 Datasheet HTML 12Page - Micrel Semiconductor MIC2182 Datasheet HTML 13Page - Micrel Semiconductor MIC2182 Datasheet HTML 14Page - Micrel Semiconductor MIC2182 Datasheet HTML 15Page - Micrel Semiconductor MIC2182 Datasheet HTML 16Page - Micrel Semiconductor MIC2182 Datasheet HTML 17Page - Micrel Semiconductor MIC2182 Datasheet HTML 18Page - Micrel Semiconductor MIC2182 Datasheet HTML 19Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
June 2000
15
MIC2182
MIC2182
Micrel
• Reduced maximum duty cycle due to switching
transition times and constant delay times in the
controller. As the switching frequency increased,
the switching period decreases. The switching
transition times and constant delays in the
MIC2182 start to become noticeable. The effect
is to reduce the maximum duty cycle of the
controller. This will cause the minimum input to
output differential voltage (dropout voltage) to
increase.
0
20
40
60
80
100
0
4
8
12 16 20 24 28 32
SUPPLY VOLTAGE (V)
400kHz
300kHz
500kHz
SOP
Figure 10a. SOP Gate Charge vs. Input Voltage
0
20
40
60
80
100
0
4
8
12162024 2832
SUPPLY VOLTAGE (V)
SSOP
400kHz
300kHz
500kHz
Figure 10b. SSOP Gate Charge vs. Input Voltage
It is recommended that the user limits the maximum synchro-
nized frequency to 600kHz. If a higher synchronized fre-
quency is required, it may be possible and will be design
dependent. Please consult Micrel applications for assis-
tance.
Soft Start
Soft start reduces the power supply input surge current at
startup by controlling the output voltage rise time. The input
surge appears while the output capacitance is charged up. A
slower output rise time will draw a lower input surge current.
Soft start may also be used for power supply sequencing.
The soft-start voltage is applied directly to the PWM compara-
tor. A 5uA internal current source is used to charge up the
soft-start capacitor. The capacitor is discharged when either
the enable voltage drops below the UVLO threshold (2.5V) or
the V
DD voltage drops below the UVLO level (4.1V).
The part switches at a minimum duty cycle when the soft-start
pin voltage is less than 0.4V. This maintains a charge on the
bootstrap capacitor and insures high-side gate drive voltage.
As the soft-start voltage rises above 0.4V, the duty cycle
increases from the minimum duty cycle to the operating duty
cycle. The oscillator runs at the foldback frequency of 60kHz
until the output voltage rises above 0.95V. Above 0.95V, the
switching frequency increases to 300kHz (or the sync’d
frequency), causing the output voltage to rise a greater rate.
The rise time of the output is dependent on the soft-start
capacitor, output capacitance, output voltage, and load cur-
rent. The oscilloscope photo in Figure 9 show the output
voltage and the soft-start pin voltage at startup.
Minimum Pulse Width
The MIC2182 has a specified minimum pulse width. This
minimum pulse width places a lower limit on the minimum
duty cycle of the buck converter. When the MIC2182 is
operating in forced PWM mode (pin 2 low) and when the
output current is very low or zero, there is a limit on the ratio
of V
OUT/VIN. If this limit is exceeded, the output voltage will
rise above the regulated voltage level. A minimum load is
required to prevent the output from rising up. This will not
occur for output voltages greater than 3V.
Figure 11 should be used as a guide when the MIC2182 is
forced into PWM-only mode. The actual maximum input
voltage will depend on the exact external components used
(MOSFETs, inductors, etc.).
10
15
20
25
30
35
01
23
4
5
6
OUTPUT VOLTAGE (V)
Figure 11. Max. Input Voltage in Forced-PWM Mode
This restriction does not occur when the MIC2182 is set to
automatic mode (pin 2 connected to a capacitor) since the
converter operates in skip mode at low output current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com