Electronic Components Datasheet Search
  English  ▼

X  

MIC2182 Datasheet(PDF) 23 Page - Micrel Semiconductor

Part # MIC2182
Description  High-Efficiency Synchronous Buck Controller Final Information
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2182 Datasheet(HTML) 23 Page - Micrel Semiconductor

Back Button MIC2182 Datasheet HTML 19Page - Micrel Semiconductor MIC2182 Datasheet HTML 20Page - Micrel Semiconductor MIC2182 Datasheet HTML 21Page - Micrel Semiconductor MIC2182 Datasheet HTML 22Page - Micrel Semiconductor MIC2182 Datasheet HTML 23Page - Micrel Semiconductor MIC2182 Datasheet HTML 24Page - Micrel Semiconductor MIC2182 Datasheet HTML 25Page - Micrel Semiconductor MIC2182 Datasheet HTML 26Page - Micrel Semiconductor MIC2182 Datasheet HTML 27Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
June 2000
23
MIC2182
MIC2182
Micrel
3A (4.5V–30V)
4A (4.5V–30V)
5A (4.5V–30V)
10A (4.5V–5.5V)
Reference
Part No. / Description
Part No. / Description
Part No. / Description
Part No. / Description
C7
qty: 2
qty: 2
qty: 2
qty: 2
TPSE227M010R0100
TPSE227M010R0100
TPSV227M010R0060
TPSV447M006R0055
AVX, 220
µF 10V,
AVX, 220
µF 10V,
AVX, 220
µF 10V,
AVX, 470
µF 6.3V,
0.1
Ω ESR,
0.1
Ω ESR,
0.06
Ω ESR,
0.06
Ω ESR,
output filter capacitor
output filter capacitor
output filter capacitor
output filter capacitor
C11
qty: 2
qty: 2
qty: 2
qty: 3
TPSE226M035R0300
TPSE226M035R0300
TPSE226M035R0300
TPSV227M016R0075
AVX, 22
µF 35V,
AVX, 22
µF 35V,
AVX, 22
µF 35V,
AVX, 220
µF 16V,
0.3
Ω ESR,
0.3
Ω ESR,
0.3
Ω ESR,
0.06
Ω ESR,
input filter capacitor
input filter capacitor
input filter capacitor
input filter capacitor
D1
qty: 1 B140, Vishay,
qty: 1 B140, Vishay,
qty: 1 B140, Vishay,
qty: 1 B330, Vishay,
freewheeling diode
freewheeling diode
freewheeling diode
freewheeling diode
L1
qty: 1 CDRH125-100,
qty: 1 CDRH127-100,
qty: 1 CDRH127-100
qty: 1 UP4B-3R3,
Sumida Inductor,
Sumida Inductor,
Sumida,
Coiltronics,
10
µH 4A,
10
µH 5A,
10
µH 5A,
3.3
µH 11A,
output inductor
output inductor
output inductor
output inductor
Q1
qty: 1 Si4800, Siliconix,
qty: 1 Si4884, Siliconix,
qty: 1 Si4884, Siliconix,
qty: 2 Si4884, Siliconix
low-side MOSFET
low-side MOSFET
low-side MOSFET
low-side MOSFET
Q2
qty: 1 Si4800, Siliconix,
qty: 1 Si4800, Siliconix,
qty: 1 Si4800, Siliconix,
qty: 2 Si4884, Siliconix,
high-side MOSFET
high-side MOSFET
high-side MOSFET
high-side MOSFET
R2
qty: 1
qty: 1
qty: 1
qty: 1
WSL-2010 .025 1%,
WSL-2010 .020 1%,
WSL-2512 .015 1%,
WSL-2512 .015 1% ,
Vishay, 0.025, 1%, 0.5W,
Vishay, 0.02, 1%, 0.5W,
Vishay, 0.015, 1%, 1W,
Vishay, 0.015, 1%, 1W,
current sense resistor
current sense resistor
current sense resistor
current sense resistor
U1
MIC2182BSM or
MIC2182BSM or
MIC2182BSM or
MIC2182BM
MIC2182BM
MIC2182BM
MIC2182BM
Table 5. Components for 2.5V Output
3A (4.5V–30V)
4A (4.5V–30V)
5A (4.5V–8V)
10A (4.5V–5.5V)
Reference
Part No. / Description
Part No. / Description
Part No. / Description
Part No. / Description
C7
qty: 2
qty: 2
qty: 2
qty: 2
TPSE227M010R0100
TPSE227M010R0100
TPSV227M010R0060
TPSV447M006R0055
AVX, 220
µF 10V,
AVX, 220
µF 10V,
AVX, 220
µF 10V,
AVX, 470
µF 6.3V,
0.1
Ω ESR,
0.1
Ω ESR,
0.06
Ω ESR,
0.06
Ω ESR,
output filter capacitor
output filter capacitor
output filter capacitor
output filter capacitor
C11
qty: 2
qty: 2
qty: 2
qty: 2
TPSE226M035R0300
TPSE226M035R0300
TPSE226M035R0300
TPSV227M016R0075
AVX, 22
µF 35V,
AVX, 22
µF 35V,
AVX, 22
µF 35V,
AVX, 220
µF 16V,
0.3
Ω ESR,
0.3
Ω ESR,
0.3
Ω ESR,
0.06
Ω ESR,
input filter capacitor
input filter capacitor
input filter capacitor
input filter capacitor
D1
qty: 1 B140, Vishay,
qty: 1 B140, Vishay,
qty: 1 B140, Vishay,
qty: 1 B330, Vishay,
freewheeling diode
freewheeling diode
freewheeling diode
freewheeling diode
L1
qty: 1 CDRH125-100,
qty: 1 CDRH127-100,
qty: 1 CDRH127-100
qty: 1 UP4B-3R3,
Sumida Inductor,
Sumida Inductor,
Sumida,
Coiltronics,
10
µH 4A,
10
µH 5A,
10
µH 5A,
3.3
µH 11A,
output inductor
output inductor
output inductor
output inductor
Q1
qty: 1 Si4800, Siliconix,
qty: 1 Si4884, Siliconix,
qty: 1 Si4884, Siliconix,
qty: 2 Si4884, Siliconix
low-side MOSFET
low-side MOSFET
low-side MOSFET
low-side MOSFET
Q2
qty: 1 Si4800, Siliconix,
qty: 1 Si4800, Siliconix,
qty: 1 Si4800, Siliconix,
qty: 2 Si4884, Siliconix,
high-side MOSFET
high-side MOSFET
high-side MOSFET
high-side MOSFET
R2
qty: 1
qty: 1
qty: 1
qty: 2
WSL-2010 .025 1%,
WSL-2010 .020 1%,
WSL-2512 .015 1%,
WSL-2512 .015 1% ,
Vishay, 0.025, 1%, 0.5W,
Vishay, 0.02, 1%, 0.5W,
Vishay, 0.015, 1%, 1W,
Vishay, 0.015, 1%, 1W,
current sense resistor
current sense resistor
current sense resistor
current sense resistor
U1
MIC2182BSM or
MIC2182BSM or
MIC2182BSM or
MIC2182BM
MIC2182BM
MIC2182BM
MIC2182BM
Table 6. Components for 1.8V Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com