Electronic Components Datasheet Search
  English  ▼

X  

LMC6772 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6772
Description  Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6772 Datasheet(HTML) 5 Page - Texas Instruments

  LMC6772 Datasheet HTML 1Page - Texas Instruments LMC6772 Datasheet HTML 2Page - Texas Instruments LMC6772 Datasheet HTML 3Page - Texas Instruments LMC6772 Datasheet HTML 4Page - Texas Instruments LMC6772 Datasheet HTML 5Page - Texas Instruments LMC6772 Datasheet HTML 6Page - Texas Instruments LMC6772 Datasheet HTML 7Page - Texas Instruments LMC6772 Datasheet HTML 8Page - Texas Instruments LMC6772 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LMC6772
www.ti.com
SNOS749F – SEPTEMBER 1995 – REVISED MARCH 2013
AC Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C, V
+ = 5V, V− = 0V, V
CM = VO = V
+/2. Boldface limits apply at the
temperature extreme.
Symbol
Parameter
Conditions
Typ(1)
LMC6772AI
LMC6772BI
Units
Limit(2)
Limit(2)
tRISE
Rise Time
f = 10 kHz, CL = 50 pF,
0.3
μs
Overdrive = 10 mV(3)
tFALL
Fall Time
f = 10 kHz, CL = 50 pF,
0.3
μs
Overdrive = 10 mV(3)
tPHL
Propagation Delay
f = 10 kHz,
10 mV
10
μs
(High to Low)
CL = 50 pF
(3)
100 mV
4
μs
V+ = 2.7V,
10
μs
10 mV
f = 10 kHz,
CL = 50 pF
(3)
100 mV
4
μs
tPLH
Propagation Delay
f = 10 kHz,
10 mV
10
μs
(Low to High)
CL = 50 pF
(3)
100 mV
4
μs
V+ = 2.7V,
8
μs
10 mV
f = 10 kHz,
CL = 50 pF
(3)
100 mV
4
μs
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are specified by testing or statistical analysis.
(3)
CL inlcudes the probe and jig capacitance. The rise time, fall time and propagation delays are measured with a 2V input step.
Copyright © 1995–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMC6772



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com