Electronic Components Datasheet Search
  English  ▼

X  

LMC6772 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6772
Description  Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6772 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMC6772 Datasheet HTML 6Page - Texas Instruments LMC6772 Datasheet HTML 7Page - Texas Instruments LMC6772 Datasheet HTML 8Page - Texas Instruments LMC6772 Datasheet HTML 9Page - Texas Instruments LMC6772 Datasheet HTML 10Page - Texas Instruments LMC6772 Datasheet HTML 11Page - Texas Instruments LMC6772 Datasheet HTML 12Page - Texas Instruments LMC6772 Datasheet HTML 13Page - Texas Instruments LMC6772 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
0
1
2
3
4
5
6
7
8
9
10
0
100
200
300
400
500
600
700
OUTPUT CURRENT (mA)
VS = 15V
125°C
85°C
25°C
-40°C
2
3
4
5
6
7
8
9
10 11 12
0
20
40
60
80
100
120
140
SUPPLY VOLTAGE (V)
-40°C
25°C
85°C
125°C
0
1
2
3
4
5
6
7
8
9
10
0
100
200
300
400
500
600
700
OUTPUT CURRENT (mA)
VS = 5V
125°C
85°C
25°C
-40°C
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
100
200
400
500
600
OUTPUT CURRENT (mA)
300
125°C
85°C
25°C
-40°C
VS = 2.7V
2
4
6 7
9 10
12 13
15
0
2
6
8
10
12
14
16
18
20
SUPPLY VOLTAGE (V)
4
5
8
11
14
3
125°C
85°C
25°C
-40°C
Pos Input = 0.1V
Neg Input = 0.0V
2
4
6 7
9 10
12 13
15
0
2
6
8
10
12
14
16
18
20
SUPPLY VOLTAGE (V)
4
5
8
11
14
3
125°C
85°C
25°C
-40°C
Pos Input = 0.0V
Neg Input = 0.1V
LMC6772
SNOS749F – SEPTEMBER 1995 – REVISED MARCH 2013
www.ti.com
LMC6772Q
Supply Current
Supply Current
vs.
vs.
Supply Voltage (Output High)
Supply Voltage (Output Low)
Figure 22.
Figure 23.
Output Voltage
Output Voltage
vs.
vs.
Output Current (Sinking)
Output Current (Sinking)
Figure 24.
Figure 25.
Output Voltage
Output Short Circuit Current
vs.
vs.
Output Current (Sinking)
Supply
Figure 26.
Figure 27.
10
Submit Documentation Feedback
Copyright © 1995–2013, Texas Instruments Incorporated
Product Folder Links: LMC6772



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com