Electronic Components Datasheet Search
  English  ▼

X  

LMC6772 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6772
Description  Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6772 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMC6772 Datasheet HTML 12Page - Texas Instruments LMC6772 Datasheet HTML 13Page - Texas Instruments LMC6772 Datasheet HTML 14Page - Texas Instruments LMC6772 Datasheet HTML 15Page - Texas Instruments LMC6772 Datasheet HTML 16Page - Texas Instruments LMC6772 Datasheet HTML 17Page - Texas Instruments LMC6772 Datasheet HTML 18Page - Texas Instruments LMC6772 Datasheet HTML 19Page - Texas Instruments LMC6772 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
LMC6772
SNOS749F – SEPTEMBER 1995 – REVISED MARCH 2013
www.ti.com
Figure 37. Time Delay Generator
The circuit shown above provides output signals at a prescribed time interval from a time reference and
automatically resets the output when the input returns to ground. Consider the case of VIN = 0. The output of
comparator 4 is also at ground. This implies that the outputs of comparators 1, 2, and 3 are also at ground.
When an input signal is applied, the output of comparator 4 swings high and C charges exponentially through R.
This is indicated above. The output voltages of comparators 1, 2, and 3 swtich to the high state when VC1 rises
above the reference voltages VA, VB and VC. A small amount of hysteresis has been provided to insure fast
switching when the RC time constant is chosen to give long delay times.
16
Submit Documentation Feedback
Copyright © 1995–2013, Texas Instruments Incorporated
Product Folder Links: LMC6772



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com