Electronic Components Datasheet Search
  English  ▼

X  

LMC6772 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6772
Description  Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6772 Datasheet(HTML) 2 Page - Texas Instruments

  LMC6772 Datasheet HTML 1Page - Texas Instruments LMC6772 Datasheet HTML 2Page - Texas Instruments LMC6772 Datasheet HTML 3Page - Texas Instruments LMC6772 Datasheet HTML 4Page - Texas Instruments LMC6772 Datasheet HTML 5Page - Texas Instruments LMC6772 Datasheet HTML 6Page - Texas Instruments LMC6772 Datasheet HTML 7Page - Texas Instruments LMC6772 Datasheet HTML 8Page - Texas Instruments LMC6772 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
LMC6772
SNOS749F – SEPTEMBER 1995 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Value
Unit
ESD Tolerance(2)
1.5
kV
Differential Input Voltage
(V+)+0.3V to (V
−)−0.3
V
Voltage at Input/Output Pin
(V+)+0.3V to (V
−)−0.3
V
Supply Voltage (V+–V
−)
16
V
Current at Input Pin(3)
±5
mA
Current at Output Pin(4) (5)
±30
mA
Current at Power Supply Pin, LMC6772
40
mA
Lead Temperature (Soldering, 10 seconds)
260
°C
Storage Temperature Range
−65°C to 150
°C
Junction Temperature(6)
150
°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the electrical characteristics.
(2)
Human body model, 1.5 k
Ω in series with 100 pF. The output pins of the two comparators (pin 1 and pin 7) have an ESD tolerance of
1.5 kV. All other pins have an ESD tolerance of 2 kV.
(3)
Limiting input pin current is only necessary for input voltages that exceed absolute maximum input voltage ratings.
(4)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Output currents in excess of ±30 mA over long term may adversely
affect reliability.
(5)
Do not short circuit output to V+, when V+ is > 12V or reliability will be adversely affected.
(6)
The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) – TA)/θJA. All numbers apply for packages soldered directly into a PC board.
Operating Ratings
(1)
Value
Unit
Supply Voltage
2.7
≤ VS ≤ 15
V
Junction Temperature Range
LMC6772AI, LMC6772BI
−40°C ≤ TJ ≤ 85
°C
LMC6772Q
−40°C ≤ TJ ≤ 125
°C
Thermal Resistance (
θJA)
8-Pin PDIP
100
°C/W
8-Pin SOIC
172
°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the electrical characteristics.
2
Submit Documentation Feedback
Copyright © 1995–2013, Texas Instruments Incorporated
Product Folder Links: LMC6772



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com