Electronic Components Datasheet Search
  English  ▼

X  

LMC6772 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6772
Description  Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6772 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMC6772 Datasheet HTML 7Page - Texas Instruments LMC6772 Datasheet HTML 8Page - Texas Instruments LMC6772 Datasheet HTML 9Page - Texas Instruments LMC6772 Datasheet HTML 10Page - Texas Instruments LMC6772 Datasheet HTML 11Page - Texas Instruments LMC6772 Datasheet HTML 12Page - Texas Instruments LMC6772 Datasheet HTML 13Page - Texas Instruments LMC6772 Datasheet HTML 14Page - Texas Instruments LMC6772 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
2
4
6
8
10 11
13
15
OUTPUT VOLTAGE (V)
0.0001
0.001
0.01
0.1
0
10
100
12
14
9
7
5
3
125°C
85°C
25°C
-40°C (estimated)
VS = 2.7V
LMC6772
www.ti.com
SNOS749F – SEPTEMBER 1995 – REVISED MARCH 2013
LMC6772Q (continued)
Output Leakage
vs.
Output Voltage
Figure 28.
Copyright © 1995–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMC6772



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com