Electronic Components Datasheet Search
  English  ▼

X  

LMC6772 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6772
Description  Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6772 Datasheet(HTML) 3 Page - Texas Instruments

  LMC6772 Datasheet HTML 1Page - Texas Instruments LMC6772 Datasheet HTML 2Page - Texas Instruments LMC6772 Datasheet HTML 3Page - Texas Instruments LMC6772 Datasheet HTML 4Page - Texas Instruments LMC6772 Datasheet HTML 5Page - Texas Instruments LMC6772 Datasheet HTML 6Page - Texas Instruments LMC6772 Datasheet HTML 7Page - Texas Instruments LMC6772 Datasheet HTML 8Page - Texas Instruments LMC6772 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LMC6772
www.ti.com
SNOS749F – SEPTEMBER 1995 – REVISED MARCH 2013
2.7V Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C, V
+ = 2.7V, V− = 0V, V
CM = V
+/2. Boldface limits apply at the
temperature extremes.
Symbol
Parameter
Conditions
Typ(1)
LMC6772AI LMC6772BI
LMC6772Q
Units
Limit(2)
Limit(2)
Limit(2)
VOS
Input Offset Voltage
3
5
15
10
mV
8
18
13
max
TCVOS
Input Offset Voltage Temperature
2.0
μV/°C
Drift
Input Offset Voltage Average
See(3)
3.3
μV/Mont
Drift
h
IB
Input Current
0.02
pA
IOS
Input Offset Current
0.01
pA
CMRR
Common Mode Rejection Ratio
75
dB
PSRR
Power Supply Rejection Ratio
±1.35V < VS < ±7.5V
80
dB
AV
Voltage Gain
(By Design)
100
dB
VCM
Input Common-Mode Voltage
CMRR > 55 dB
3.0
2.9
2.9
2.9
V
Range
2.7
2.7
2.7
min
−0.3
−0.2
−0.2
−0.2
V
0.0
0.0
0.2
max
VOL
Output Voltage Low
ILOAD = 2.5 mA
0.2
0.3
0.3
0.3
V
0.4
0.4
0.45
max
IS
Supply Current
For Both Comparators
12
20
20
20
μA
(Output Low)
25
25
25
max
ILeakage
Output Leakage Current
VIN(+) = 0.5V,
0.1
500
500
500
nA
VIN(−) = 0V, VO = 15V
1000
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are specified by testing or statistical analysis.
(3)
Input offset voltage Average Drift is calculated by dividing the accelerated operating life drift average by the equivalent operational time.
The input offset voltage average drift represents the input offset voltage change at worst-case input conditions.
Copyright © 1995–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMC6772



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com