Electronic Components Datasheet Search
  English  ▼

X  

ZL6105ALAF Datasheet(PDF) 33 Page - Intersil Corporation

Part # ZL6105ALAF
Description  Digital DC/DC Controller with Drivers and Auto Compensation
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL6105ALAF Datasheet(HTML) 33 Page - Intersil Corporation

Back Button ZL6105ALAF Datasheet HTML 27Page - Intersil Corporation ZL6105ALAF Datasheet HTML 28Page - Intersil Corporation ZL6105ALAF Datasheet HTML 29Page - Intersil Corporation ZL6105ALAF Datasheet HTML 30Page - Intersil Corporation ZL6105ALAF Datasheet HTML 31Page - Intersil Corporation ZL6105ALAF Datasheet HTML 32Page - Intersil Corporation ZL6105ALAF Datasheet HTML 33Page - Intersil Corporation ZL6105ALAF Datasheet HTML 34Page - Intersil Corporation ZL6105ALAF Datasheet HTML 35Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
ZL6105
33
FN6906.5
December 19, 2013
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to web to make sure you
have the latest Rev.
DATE
REVISION
CHANGE
December 19, 2013
FN6906.5 Sentence after Equation 29 on page 19 changed from “The value of R2 should be simply 5x that of R1 as shown in
Equation 30:” to “The value of R2 should be 2kΩ”. Equation was deleted.
July 30, 2013
ISENA pin. The voltage rating changed from: -1.5V to 6.5V, to: -1.5V to 30V.
Changed the 6.5V to 30V on page 7 Absolute Maximum Ratings
October 15, 2012
FN6906.4 Changed POD from L36.6x6A to L36.6x6C - change in side view MAX from 0.90 to 1.00
October 1, 2012
Removed all references to ZL6105-01, page 5, Ordering Information
December 15, 2010
FN6906.3 In “Voltage Margining” on page 25, in the 2nd paragraph, changed the last sentence from "A safety feature prevents
the user from configuring the output voltage to exceed VNOM + 10% under any conditions." to "The ZL6105-01 allows
150% margin limits."
Added following parts to “Ordering Information” on page 6:
ZL6105ALAF-01
ZL6105ALAFT-01
ZL6105ALAFTK-01
Updated note in MIN, MAX column of spec table from "Parameters with MIN and/or MAX limits are 100% tested
at +25°C, unless otherwise specified. Temperature limits established by characterization and are not production
tested." to "Compliance to datasheet limits is assured by one or more methods: production test, characterization
and/or design."
Removed note "Limits established by characterization and are not production tested." and all references to it.
December 8, 2010
FN6906.2 Added following statement to disclaimer on page 34: “This product is subject to a license from Power One, Inc.
related to digital power technology as set forth in U.S. Patent No. 7,000,125 and other related patents owned by
Power One, Inc. These license rights do not extend to stand-alone POL regulators unless a royalty is paid to Power
One, Inc.”
September 20, 2010
FN6906.1 -Added a second sentence ("A minimum droop resistance of 0.5mΩ is recommended.") to “Active Current
Sharing” on page 28
-On page 21, in Equation 31, changed "
δ" to "Δ".
-Added “Limits established by characterization and are not production tested.” to “Soft-start Delay Duration
Range” on page 8, “Soft-start Ramp Duration Range” on page 8 and “VTRK Regulation Accuracy” on page 8.
-Removed PG and SALRT from Conditions column of “Logic Input Leakage Current” on page 8.
September 14, 2010
-Added Table 8 “MINIMUM TON DELAY vs OPERATING MODE”
-Added the following paragraph to page 14:
"The ZL6105 has a minimum TON_DELAY requirement ... See Application Note AN2033 for details."
-Changed LOW delay time from "2" to "5" in Table 6 on page 14
-Removed first three rows (10, 11, and 12.1 rows) from Table 7 on page 14
-Rewrote paragraph directly above Figure 13 on page 21 (“When auto compensation is enabled ... as described
in “Soft-Start Delay and Ramp Times” on page 14")
-Changed min “Soft-start Delay Duration Range” on page 8 from 2 to 5 and 0.002 to 0.005
-Reworded Note 15 on page 9
-Changed Step 5 Description in Table 5 on page 14
-Replaced Step 5 Time Duration entry in Table 5 on page 14 with a dash (“-”)
-Rewrote paragraph on page 13 (“Once this process is completed...to ramp its output”)
-Replaced Table 16 “FC0 PIN-STRAP SETTINGS” on page 21
-Replaced Table 17 “FC1 PIN-STRAP SETTINGS” on page 22
-Rewrote the last three paragraphs of “Loop Compensation” on page 21
-Added third paragraph to “Power-Good” on page 15 (“If Auto Comp is enabled, the PG timing is further controlled
by the PG Assert parameter as described “Loop Compensation” on page 21.”)
-Added sentence to Note 17 on page 9 ("Refer to “Soft-Start Delay and Ramp Times” on page 14 for further
restrictions on PG Delay.")
-In“Soft-start Delay Duration Accuracy” on page 8, in the Conditions, changed both references to Note 16 to be
Note 15. Removed Note 16.
-Rewrote first paragraph of “Configuration B: SYNC INPUT” on page 15
-Rewrote first three paragraphs of “Configuration C: SYNC AUTO DETECT” on page 15
-Added sentence just before Table 23 on page 26 (“Note that the SMBus address 0x4B is reserved for device test
and cannot be used in the system.”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com