Electronic Components Datasheet Search
  English  ▼

X  

ZL6105ALAF Datasheet(PDF) 34 Page - Intersil Corporation

Part # ZL6105ALAF
Description  Digital DC/DC Controller with Drivers and Auto Compensation
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL6105ALAF Datasheet(HTML) 34 Page - Intersil Corporation

Back Button ZL6105ALAF Datasheet HTML 27Page - Intersil Corporation ZL6105ALAF Datasheet HTML 28Page - Intersil Corporation ZL6105ALAF Datasheet HTML 29Page - Intersil Corporation ZL6105ALAF Datasheet HTML 30Page - Intersil Corporation ZL6105ALAF Datasheet HTML 31Page - Intersil Corporation ZL6105ALAF Datasheet HTML 32Page - Intersil Corporation ZL6105ALAF Datasheet HTML 33Page - Intersil Corporation ZL6105ALAF Datasheet HTML 34Page - Intersil Corporation ZL6105ALAF Datasheet HTML 35Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
ZL6105
34
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time
without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be
accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third
parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6906.5
December 19, 2013
For additional products, see www.intersil.com/en/products.html
About Intersil
Intersil Corporation is a leader in the design and manufacture of high-performance analog, mixed-signal and power management
semiconductors. The company's products address some of the largest markets within the industrial and infrastructure, personal
computing and high-end consumer markets. For more information about Intersil, visit our website at www.intersil.com.
For the most updated datasheet, application notes, related documentation and related parts, please see the respective product
information page found at www.intersil.com. You may report errors or suggestions for improving this datasheet by visiting
www.intersil.com/en/support/ask-an-expert.html. Reliability reports are also available from our website at
http://www.intersil.com/en/support/qualandreliability.html#reliability
August 5, 2010
FN6906.1
(Cont.)
On page 1, 1st sentence, changed "The ZL6105 is a digital DC/DC controller …" to "The ZL6105 is a digital power
controller …"
On page 1, 2nd paragraph, end of 1st sentence, changed from "… 3.3V to a supply operating from a 12V input."
to "… 3.3V to a multiphase current sharing supply operating from a 12V input."
On page 3, Figure 3, added arrow head to line going into pin 34 (PH_EN)
On page 3, Note 3, 3rd sentence, corrected the ohm symbol after 10k,which was missing.
On page 6, Note 1, corrected "pindependents" to "pin dependents"
On page 8, “VTRK Tracking Ramp Accuracy”, in the conditions column, added "no prebias"
On page 9, Typ entry in table for “Current Limit Protection Delay” (condition factory default): changed from 5 to 10
On page 9, Note 15 at bottom of table, 3rd sentence, corrected from "Current Share Reference must be 10ms
…", to "Current Share Reference delay must be 10ms …"
On page 13, corrected the font size for title “SMBus Mode” (to be the same font as the title “Single Resistor Output
Voltage Setting Mode”)
On page 14, 1st column, 2nd paragraph, “Soft-Start Delay and Ramp Times”, removed last two sentences,
"Precise ramp delay timing … AN2033 for details."
August 4, 2010
On page 30, 2nd column, 3rd paragraph, changed from "Up to eight (8) devices can be configured in a given
current sharing rail." to "When Auto Compensation is enabled, only two (2) devices can be configured for current
sharing. With Auto Compensation disabled, up to eight (8) devices can be configured in a given current sharing
rail."
May 17, 2010
FN6906.0 Initial Release
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to web to make sure you
have the latest Rev. (Continued)
DATE
REVISION
CHANGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com