Electronic Components Datasheet Search
  English  ▼

X  

ZL6105ALAF Datasheet(PDF) 24 Page - Intersil Corporation

Part # ZL6105ALAF
Description  Digital DC/DC Controller with Drivers and Auto Compensation
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL6105ALAF Datasheet(HTML) 24 Page - Intersil Corporation

Back Button ZL6105ALAF Datasheet HTML 20Page - Intersil Corporation ZL6105ALAF Datasheet HTML 21Page - Intersil Corporation ZL6105ALAF Datasheet HTML 22Page - Intersil Corporation ZL6105ALAF Datasheet HTML 23Page - Intersil Corporation ZL6105ALAF Datasheet HTML 24Page - Intersil Corporation ZL6105ALAF Datasheet HTML 25Page - Intersil Corporation ZL6105ALAF Datasheet HTML 26Page - Intersil Corporation ZL6105ALAF Datasheet HTML 27Page - Intersil Corporation ZL6105ALAF Datasheet HTML 28Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
ZL6105
24
FN6906.5
December 19, 2013
Output Overcurrent Protection
The ZL6105 can protect the power supply from damage if the
output is shorted to ground or if an overload condition is imposed
on the output. Once the current limit threshold has been selected
(see “Current Limit Threshold Selection” on page 19), the user
may determine the desired course of action in response to the
fault condition. The following overcurrent protection response
options are available:
1. Initiate a shutdown and attempt to restart an infinite number
of times with a preset delay period between attempts.
2. Initiate a shutdown and attempt to restart a preset number of
times with a preset delay period between attempts.
3. Continue operating for a given delay period, followed by
shutdown if the fault still exists.
4. Continue operating through the fault (this could result in
permanent damage to the power supply).
5. Initiate an immediate shutdown.
The default response from an overcurrent fault is an immediate
shutdown of the device. The device will continuously check for
the presence of the fault condition, and if the fault condition no
longer exists the device will be re-enabled.
Please refer to Application Note AN2033 for details on how to
select specific overcurrent fault response options via I2C/SMBus.
Thermal Overload Protection
The ZL6105 includes an on-chip thermal sensor that
continuously measures the internal temperature of the die and
shuts down the device when the temperature exceeds the preset
limit. The default temperature limit is set to +125°C in the
factory, but the user may set the limit to a different value if
desired. See Application Note AN2033 for details. Note that
setting a higher thermal limit via the I2C/SMBus interface may
result in permanent damage to the device. Once the device has
been disabled due to an internal temperature fault, the user may
select one of several fault response options as follows:
1. Initiate a shutdown and attempt to restart an infinite number
of times with a preset delay period between attempts.
2. Initiate a shutdown and attempt to restart a preset number of
times with a preset delay period between attempts.
3. Continue operating for a given delay period, followed by
shutdown if the fault still exists.
4. Continue operating through the fault (this could result in
permanent damage to the power supply).
5. Initiate an immediate shutdown.
If the user has configured the device to restart, the device will
wait the preset delay period (if configured to do so) and will then
check the device temperature. If the temperature has dropped
below a threshold that is approximately +15°C lower than the
selected temperature fault limit, the device will attempt to re-
start. If the temperature still exceeds the fault limit the device
will wait the preset delay period and retry again.
The default response from a temperature fault is an immediate
shutdown of the device. The device will continuously check for
the fault condition, and once the fault has cleared the ZL6105
will be re-enabled.
Please refer to Application Note AN2033 for details on how to select
specific temperature fault response options via I2C/SMBus.
Voltage Tracking
Numerous high performance systems place stringent demands
on the order in which the power supply voltages are turned on.
This is particularly true when powering FPGAs, ASICs, and other
advanced processor devices that require multiple supply voltages
to power a single die. In most cases, the I/O interface operates at
a higher voltage than the core and therefore the core supply
voltage must not exceed the I/O supply voltage according to the
manufacturers' specifications.
Voltage tracking protects these sensitive ICs by limiting the
differential voltage between multiple power supplies during the
power-up and power down sequence. The ZL6105 integrates a
lossless tracking scheme that allows its output to track a voltage
that is applied to the VTRK pin with no external components
required. The VTRK pin is an analog input that, when tracking
mode is enabled, configures the voltage applied to the VTRK pin
to act as a reference for the device’s output regulation.
The ZL6105 offers two modes of tracking as follows:
1. Coincident. This mode configures the ZL6105 to ramp its
output voltage at the same rate as the voltage applied to the
VTRK pin.
FIGURE 14. OUTPUT RESPONSES TO PRE-BIAS VOLTAGES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com