Electronic Components Datasheet Search
  English  ▼

X  

ZL6105ALAF Datasheet(PDF) 12 Page - Intersil Corporation

Part # ZL6105ALAF
Description  Digital DC/DC Controller with Drivers and Auto Compensation
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL6105ALAF Datasheet(HTML) 12 Page - Intersil Corporation

Back Button ZL6105ALAF Datasheet HTML 8Page - Intersil Corporation ZL6105ALAF Datasheet HTML 9Page - Intersil Corporation ZL6105ALAF Datasheet HTML 10Page - Intersil Corporation ZL6105ALAF Datasheet HTML 11Page - Intersil Corporation ZL6105ALAF Datasheet HTML 12Page - Intersil Corporation ZL6105ALAF Datasheet HTML 13Page - Intersil Corporation ZL6105ALAF Datasheet HTML 14Page - Intersil Corporation ZL6105ALAF Datasheet HTML 15Page - Intersil Corporation ZL6105ALAF Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
ZL6105
12
FN6906.5
December 19, 2013
Power Conversion Functional
Description
Internal Bias Regulators and Input Supply
Connections
The ZL6105 employs two internal low dropout (LDO) regulators to
supply bias voltages for internal circuitry, allowing it to operate
from a single input supply. The internal bias regulators are as
indicated in the following:
VR - The VR LDO provides a regulated 5V bias supply for the
MOSFET driver circuits. It is powered from the VDD pin. A 4.7µF
filter capacitor is required at the VR pin.
V25 - The V25 LDO provides a regulated 2.5V bias supply for
the main controller circuitry. It is powered from an internal 5V
node. A 10µF filter capacitor is required at the V25 pin.
When the input supply (VDD) is higher than 5.5V, the VR pin should
not be connected to any other pins. It should only have a filter
capacitor attached as shown in Figure 8. Due to the dropout voltage
associated with the VR bias regulator, the VDD pin must be
connected to the VR pin for designs operating from a supply below
5.5V. Figure 8 illustrates the required connections for both cases.
Note: the internal bias regulators are not designed to be outputs
for powering other circuitry. Do not attach external loads to any of
these pins. The multi-mode pins may be connected to the V25
pin for logic HIGH settings.
High-side Driver Boost Circuit
The gate drive voltage for the high-side MOSFET driver is
generated by a floating bootstrap capacitor, CB (see Figure 5).
When the lower MOSFET (QL) is turned on, the SW node is pulled
to ground and the capacitor is charged from the internal VR bias
regulator through diode DB. When QL turns off and the upper
MOSFET (QH) turns on, the SW node is pulled up to VDD and the
voltage on the bootstrap capacitor is boosted approximately 5V
above VDD to provide the necessary voltage to power the
high-side driver. A Schottky diode should be used for DB to help
maximize the high-side drive supply voltage.
Output Voltage Selection
STANDARD MODE
The output voltage may be set to any voltage between 0.6V and
5.0V provided that the input voltage is higher than the desired
output voltage by an amount sufficient to prevent the device
from exceeding its maximum duty cycle specification. Using the
pin-strap method, VOUT can be set to any of nine standard
voltages as shown in Table 2.
The resistor setting method can be used to set the output voltage
to levels not available in Table 2. Resistors R0 and R1 are
selected to produce a specific voltage between 0.6V and 5.0V in
10mV steps. Resistor R1 provides a coarse setting and resistor
R0 provides a fine adjustment, thus eliminating the additional
errors associated with using two 1% resistors (this typically adds
approximately 1.4% error).
To set VOUT using resistors, follow the steps indicated to calculate
an index value and then use Table 3 to select the resistor that
corresponds to the calculated index value as follows:
1. Calculate Index1:
2. Round the result down to the nearest whole number.
3. Select the value of R1 from Table 3 using the Index1 rounded
value from step 2.
4. Calculate Index0:
5. Select the value of R0 from Table 3 using the Index0 value
from step 4.
Example from Figure 9: For VOUT = 1.33V,
Index1 = 4 x 1.33V = 5.32;
From Table 3, R1 = 16.2kΩ
Index0 = (100 x 1.33V) – (25 x 5) = 8;
From Table 3, R0 = 21.5kΩ
VIN
VDD
VR
ZL
VIN
VDD
VR
ZL
3V ≤VIN ≤ 5.5V
5.5V <VIN ≤ 14V
FIGURE 8. INPUT SUPPLY CONNECTIONS
TABLE 2. OUTPUT VOLTAGE PIN-STRAP SETTINGS
V0
LOW
OPEN
HIGH
V1
LOW
0.6V
0.8V
1.0V
OPEN
1.2V
1.5V
1.8V
HIGH
2.5V
3.3V
5.0V
TABLE 3. OUTPUT VOLTAGE RESISTORS SETTINGS
INDEX
R0 OR R1
(k
Ω)INDEX
R0 OR R1
(k
Ω)
0
10
13
34.8
1
11
14
38.3
2
12.1
15
42.2
3
13.3
16
46.4
414.7
17
51.1
5
16.2
18
56.2
617.8
19
61.9
7
19.6
20
68.1
821.5
21
75
9
23.7
22
82.5
10
26.1
23
90.9
11
28.7
24
100
12
31.6
Index1 = 4 x VOUT (VOUT in 10mV steps)
(EQ. 2)
Index0 = 100 x VOUT - (25 x Index1)
(EQ. 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com