Electronic Components Datasheet Search
  English  ▼

X  

ZL6105ALAF Datasheet(PDF) 14 Page - Intersil Corporation

Part # ZL6105ALAF
Description  Digital DC/DC Controller with Drivers and Auto Compensation
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL6105ALAF Datasheet(HTML) 14 Page - Intersil Corporation

Back Button ZL6105ALAF Datasheet HTML 10Page - Intersil Corporation ZL6105ALAF Datasheet HTML 11Page - Intersil Corporation ZL6105ALAF Datasheet HTML 12Page - Intersil Corporation ZL6105ALAF Datasheet HTML 13Page - Intersil Corporation ZL6105ALAF Datasheet HTML 14Page - Intersil Corporation ZL6105ALAF Datasheet HTML 15Page - Intersil Corporation ZL6105ALAF Datasheet HTML 16Page - Intersil Corporation ZL6105ALAF Datasheet HTML 17Page - Intersil Corporation ZL6105ALAF Datasheet HTML 18Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
ZL6105
14
FN6906.5
December 19, 2013
Soft-Start Delay and Ramp Times
It may be necessary to set a delay from when an enable signal is
received until the output voltage starts to ramp to its target
value. In addition, the designer may wish to precisely set the time
required for VOUT to ramp to its target value after the delay period
has expired. These features may be used as part of an overall
inrush current management strategy or to precisely control how
fast a load IC is turned on. The ZL6105 gives the system designer
several options for precisely and independently controlling both
the delay and ramp time periods.
The soft-start delay period begins when the EN pin is asserted
and ends when the delay time expires. The soft-start delay period
is set using the SS pin.
The soft-start ramp timer enables a precisely controlled ramp to
the nominal VOUT value that begins once the delay period has
expired. The ramp-up is guaranteed monotonic and its slope may
be precisely set using the SS pin.
The soft start delay and ramp times can be set to standard
values according to Table 6.
If the desired soft-start delay and ramp times are not one of the values
listed in Table 6, the times can be set to a custom value by connecting a
resistor from the SS pin to SGND using the appropriate resistor value
from Table 7. The value of this resistor is measured upon start-up or
Restore and will not change if the resistor is varied after power has been
applied to the ZL6105.
The soft-start delay and ramp times can also be set to custom
values via the I2C/SMBus interface. When the SS delay time is
set to 0ms, the device will begin its ramp-up after the internal
circuitry has initialized (approximately 2ms). When the soft-start
ramp period is set to 0ms, the output will ramp up as quickly as
the output load capacitance and loop settings will allow. It is
generally recommended to set the soft-start ramp to a value
greater than 500µs to prevent inadvertent fault conditions due to
excessive in-rush current.
The ZL6105 has a minimum TON_DELAY requirement that is a
function of the operating mode. Table 8 shows the different
mode configurations and the minimum TON_DELAY required for
each mode. Current sharing is configured with the
ISHARE_CONFIG PMBus command, Auto compensation is
configured with the AUTO_COMP_CONFIG command, and
Standby Mode is configured as Low Power with the
USER_CONFIG command. See Application Note AN2033 for
details.
TABLE 5. ZL6105 START-UP SEQUENCE
STEP #
STEP NAME
DESCRIPTION
TIME DURATION
1
Power Applied
Input voltage is applied to the ZL6105’s VDD pin
Depends on input supply ramp
time
2
Internal Memory Check
The device will check for values stored in its internal memory. This step
is also performed after a Restore command.
Approximately 5ms to 10ms
(device will ignore an enable
signal or PMBus traffic during this
period)
3
Multi-mode Pin Check
The device loads values configured by the multi-mode pins.
4
Device Ready
The device is ready to accept an enable signal.
−
5
Pre-ramp Delay
The device requires a minimum delay period following an enable signal
and prior to ramping its output, as described in “Soft-Start Delay and
Ramp Times” on page 14.
−
TABLE 6. SOFT-START PIN-STRAP SETTINGS
SS PIN
DELAY TIME
(ms)
RAMP TIME
(ms)
LOW
5
2
OPEN
5
5
HIGH
10
10
TABLE 7. SS RESISTOR SETTINGS
RSS
(k
Ω)
DELAY TIME
(ms)
RAMP TIME
(ms)
13.3
5
2
14.7
5
16.2
10
17.8
20
19.6
10
2
21.5
5
23.7
10
26.1
20
28.7
15
2
31.6
5
34.8
10
38.3
20
42.2
20
2
46.4
5
51.1
10
56.2
20
61.9
30
2
68.1
5
75
10
82.5
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com