Electronic Components Datasheet Search
  English  ▼

X  

ZL6105ALAF Datasheet(PDF) 11 Page - Intersil Corporation

Part # ZL6105ALAF
Description  Digital DC/DC Controller with Drivers and Auto Compensation
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL6105ALAF Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ZL6105ALAF Datasheet HTML 7Page - Intersil Corporation ZL6105ALAF Datasheet HTML 8Page - Intersil Corporation ZL6105ALAF Datasheet HTML 9Page - Intersil Corporation ZL6105ALAF Datasheet HTML 10Page - Intersil Corporation ZL6105ALAF Datasheet HTML 11Page - Intersil Corporation ZL6105ALAF Datasheet HTML 12Page - Intersil Corporation ZL6105ALAF Datasheet HTML 13Page - Intersil Corporation ZL6105ALAF Datasheet HTML 14Page - Intersil Corporation ZL6105ALAF Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
ZL6105
11
FN6906.5
December 19, 2013
Boost Circuit” on page 12 for more details.
In general, the size of components L1 and COUT as well as the
overall efficiency of the circuit are inversely proportional to the
switching frequency, fSW. Therefore, the highest efficiency circuit
may be realized by switching the MOSFETs at the lowest possible
frequency; however, this will result in the largest component size.
Conversely, the smallest possible footprint may be realized by
switching at the fastest possible frequency but this gives a
somewhat lower efficiency. Each user should determine the
optimal combination of size and efficiency when determining the
switching frequency for each application.
The block diagram for the ZL6105 is illustrated in Figure 4. In this
circuit, the target output voltage is regulated by connecting the
differential VSEN pins directly to the output regulation point. The
VSEN signal is then compared to a reference voltage that has
been set to the desired output voltage level by the user. The error
signal derived from this comparison is converted to a digital
value with a low-resolution, analog to digital (A/D) converter. The
digital signal is applied to an adjustable digital compensation
filter, and the compensated signal is used to derive the
appropriate PWM duty cycle for driving the external MOSFETs in a
way that produces the desired output.
The ZL6105 has several features to improve the power
conversion efficiency. A non-linear response (NLR) loop improves
the response time and reduces the output deviation as a result of
a load transient. The ZL6105 monitors the power converter’s
operating conditions and continuously adjusts the turn-on and
turn-off timing of the high-side and low-side MOSFETs to optimize
the overall efficiency of the power supply. Adaptive performance
optimization algorithms such as dead-time control, diode
emulation, and frequency control are available to provide greater
efficiency improvement.
Power Management Overview
The ZL6105 incorporates a wide range of configurable power
management features that are simple to implement with no
external components. Additionally, the ZL6105 includes circuit
protection features that continuously safeguard the device and
load from damage due to unexpected system faults. The ZL6105
can continuously monitor input voltage, output voltage/current,
internal temperature, and the temperature of an external
thermal diode. A Power-Good output signal is also included to
enable power-on reset functionality for an external processor.
All power management functions can be configured using either
pin configuration techniques (see Figure 8) or via the I2C/SMBus
interface. Monitoring parameters can also be pre-configured to
provide alerts for specific conditions. See Application Note
AN2033 for more details on SMBus monitoring.
Multi-mode Pins
In order to simplify circuit design, the ZL6105 incorporates patented
multi-mode pins that allow the user to easily configure many
aspects of the device with no programming. Most power
management features can be configured using these pins. The
multi-mode pins can respond to four different connections as shown
in Table 1. These pins are sampled when power is applied or by
issuing a PMBus Restore command (see Application Note AN2033).
PIN-STRAP SETTINGS
This is the simplest implementation method, as no external
components are required. Using this method, each pin can take
on one of three possible states: LOW, OPEN, or HIGH. These pins
can be connected to the V25 pin for logic HIGH settings as this
pin provides a regulated voltage higher than 2V. Using a single
pin, one of three settings can be selected. Using two pins, one of
nine settings can be selected.
RESISTOR SETTINGS
This method allows a greater range of adjustability when connecting
a finite value resistor (in a specified range) between the multi-mode
pin and SGND. Standard 1% resistor values are used, and only every
fourth E96 resistor value is used so the device can reliably recognize
the value of resistance connected to the pin while eliminating the
error associated with the resistor accuracy. Up to 31 unique
selections are available using a single resistor.
I2C/SMBUS METHOD
Almost any ZL6105 function can be configured via the I2C/SMBus
interface using standard PMBus commands. Additionally, any value
that has been configured using the pin-strap or resistor setting
methods can also be re-configured and/or verified via the
I2C/SMBus. See Application Note AN2033 for more details.
The SMBus device address and VOUT_MAX are the only
parameters that must be set by external pins. All other device
parameters can be set via the I2C/SMBus. The device address is
set using the SA0 and SA1 pins. VOUT_MAX is determined as
10% greater than the voltage set by the V0 and V1 pins.
TABLE 1. MULTI-MODE PIN CONFIGURATION
PIN TIED TO
VALUE
LOW
(Logic LOW)
< 0.8 VDC
OPEN
(N/C)
No connection
HIGH
(Logic HIGH)
> 2.0 VDC
Resistor to SGND
Set by resistor value
ZL
Multi-mode Pin
ZL
RSET
Logic
high
Logic
low
Open
Pin-strap
Settings
Resistor
Settings
Multi-mode Pin
FIGURE 7. PIN-STRAP AND RESISTOR SETTING EXAMPLES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com