Electronic Components Datasheet Search
  English  ▼

X  

LM2937 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM2937
Description  500-mA Low Dropout Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2937 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2937 Datasheet HTML 3Page - Texas Instruments LM2937 Datasheet HTML 4Page - Texas Instruments LM2937 Datasheet HTML 5Page - Texas Instruments LM2937 Datasheet HTML 6Page - Texas Instruments LM2937 Datasheet HTML 7Page - Texas Instruments LM2937 Datasheet HTML 8Page - Texas Instruments LM2937 Datasheet HTML 9Page - Texas Instruments LM2937 Datasheet HTML 10Page - Texas Instruments LM2937 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LM2937
www.ti.com
SNVS100F – MARCH 2000 – REVISED JULY 2014
6.8 Electrical Characteristics: LM2937-12
Unless otherwise specified: VIN = VOUT(NOM) + 5 V; IOUT(MAX) = 500 mA for the TO-220 and DDPAK/TO-263 packages; IOUT(MAX)
= 400 mA for the SOT-223 package; and COUT = 10 μF. Conditions and the associated Minimum and Maximum limits apply
over the Recommended Operating temperature range for the specific package, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Output voltage
TA = TJ = 25°C, 5 mA ≤ IOUT ≤ IOUT(MAX)
11.64
12
12.36
V
5 mA
≤ IOUT ≤ IOUT(MAX)
11.4
12
12.6
V
Line regulation
(VOUT + 2V) ≤ VIN ≤ 26V, IOUT = 5 mA
36
120
mV
Load regulation
5 mA
≤ IOUT ≤ IOUT(MAX)
12
120
mV
Quiescent Current
(VOUT + 2V) ≤ VIN ≤ 26V, IOUT = 5 mA
2
10
mA
VIN = (VOUT + 5V), IOUT = IOUT(MAX)
10
20
mA
Output noise voltage
10 Hz to 100 kHz, IOUT = 5 mA
360
μVrms
Long-term stability
1000 Hrs.
44
mV
Dropout voltage
IOUT = IOUT(MAX)
0.5
1
V
IOUT = 50 mA
110
250
mV
Short-circuit current
0.6
1
A
Peak line transient voltage
tf < 100 ms, RL = 100 Ω
60
75
V
Maximum operational input voltage
26
V
Reverse DC input voltage
VOUT ≥ −0.6 V, RL = 100 Ω
–15
–30
V
Reverse transient input voltage
tr < 1 ms, RL = 100 Ω
–50
–75
V
6.9 Electrical Characteristics: LM2937-15
Unless otherwise specified: VIN = VOUT(NOM) + 5 V; IOUT(MAX) = 500 mA for the TO-220 and DDPAK/TO-263 packages; IOUT(MAX)
= 400 mA for the SOT-223 package; and COUT = 10 μF. Conditions and the associated Minimum and Maximum limits apply
over the Recommended Operating temperature range for the specific package, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Output voltage
TA = TJ = 25°C, 5 mA ≤ IOUT ≤ IOUT(MAX)
14.55
15
15.45
V
5 mA
≤ IOUT ≤ IOUT(MAX)
14.25
15
15.75
V
Line regulation
(VOUT + 2V) ≤ VIN ≤ 26V, IOUT = 5 mA
45
150
mV
Load regulation
5 mA
≤ IOUT ≤ IOUT(MAX)
15
150
mV
Quiescent Current
(VOUT + 2V) ≤ VIN ≤ 26V, IOUT = 5 mA
2
10
mA
VIN = (VOUT + 5V), IOUT = IOUT(MAX)
10
20
mA
Output noise voltage
10 Hz to 100 kHz, IOUT = 5 mA
450
μVrms
Long-term stability
1000 Hrs.
56
mV
Dropout voltage
IOUT = IOUT(MAX)
0.5
1
V
IOUT = 50 mA
110
250
mV
Short-circuit current
0.6
1
A
Peak line transient voltage
tf < 100 ms, RL = 100 Ω
60
75
V
Maximum operational input voltage
26
V
Reverse DC input voltage
VOUT ≥ −0.6 V, RL = 100 Ω
–15
–30
V
Reverse transient input voltage
tr < 1 ms, RL = 100 Ω
–50
–75
V
Copyright © 2000–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2937



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com