Electronic Components Datasheet Search
  English  ▼

X  

LM2937 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM2937
Description  500-mA Low Dropout Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2937 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM2937 Datasheet HTML 13Page - Texas Instruments LM2937 Datasheet HTML 14Page - Texas Instruments LM2937 Datasheet HTML 15Page - Texas Instruments LM2937 Datasheet HTML 16Page - Texas Instruments LM2937 Datasheet HTML 17Page - Texas Instruments LM2937 Datasheet HTML 18Page - Texas Instruments LM2937 Datasheet HTML 19Page - Texas Instruments LM2937 Datasheet HTML 20Page - Texas Instruments LM2937 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
LM2937
www.ti.com
SNVS100F – MARCH 2000 – REVISED JULY 2014
Figure 23. RθJA vs Copper (2 ounce) Area for the
Figure 24. Maximum Power Dissipation vs TAMB for
SOT-223 Package
the SOT-223 Package
8.2.2.6 SOT-223 Soldering Recommendations
It is not recommended to use hand soldering or wave soldering to attach the small SOT-223 package to a printed
circuit board. The excessive temperatures involved may cause package cracking.
Either vapor phase or infrared reflow techniques are preferred soldering attachment methods for the SOT-223
package.
8.2.3 Application Curves
Figure 25. Output at Voltage Extremes
Figure 26. Dropout Voltage vs. Temperature
9 Power Supply Recommendations
This device is designed to operate from an input supply voltage from at least VOUT + 1 V up to a maximum of 26
V. The input supply should be well regulated and free of spurious noise. To ensure that the LM2937 output
voltage is well regulated the input supply should be at least VOUT + 2 V. A capacitor at the INPUT pin may not be
specifically required if the bulk input supply filter capacitors are within three inches of the INPUT pin, but adding
one will not be detrimental to operation.
Copyright © 2000–2014, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM2937



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com